Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1223N252H-TR Datasheet(PDF) 2 Page - RICOH electronics devices division

Part # R1223N252H-TR
Description  PWM/VFM Step-down DC/DC Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1223N252H-TR Datasheet(HTML) 2 Page - RICOH electronics devices division

  R1223N252H-TR Datasheet HTML 1Page - RICOH electronics devices division R1223N252H-TR Datasheet HTML 2Page - RICOH electronics devices division R1223N252H-TR Datasheet HTML 3Page - RICOH electronics devices division R1223N252H-TR Datasheet HTML 4Page - RICOH electronics devices division R1223N252H-TR Datasheet HTML 5Page - RICOH electronics devices division R1223N252H-TR Datasheet HTML 6Page - RICOH electronics devices division R1223N252H-TR Datasheet HTML 7Page - RICOH electronics devices division R1223N252H-TR Datasheet HTML 8Page - RICOH electronics devices division R1223N252H-TR Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
12345
Rev. 1.11
- 2 -
n
n
n
n BLOCK DIAGRAM
OSC
VIN
EXT
GND
VOUT
Vref
CE
Chip Enable
Soft Start
Protection
PWM/VFM
CONTROL
n
n
n
n SELECTION GUIDE
In the R1223N Series, the output voltage, the oscillator frequency, the optional function, and the taping type for
the ICs can be selected at the user
’s request.
The selection can be made by designating the part number as shown below;
R1223NXXXX-XX
- - - -
a b c
d
Code
Contents
a
Setting Output Voltage(VOUT):
Stepwise setting with a step of 0.1V in the range of 1.5V to 5.0V is possible.
b
Designation of Oscillator Frequency
2 : fixed
c
Designation of Optional Function
A : 300kHz, with a PWM/VFM alternative circuit, Latch-type protection
B : 500 kHz, with a PWM/VFM alternative circuit, Latch-type protection
C : 300kHz, without a PWM/VFM alternative circuit, Latch-type protection
D : 500kHz, without a PWM/VFM alternative circuit, Latch-type protection
E : 300kHz, with a PWM/VFM alternative circuit, Reset-type protection
F : 500 kHz, with a PWM/VFM alternative circuit, Reset-type protection
G : 300kHz, without a PWM/VFM alternative circuit, Reset-type protection
H : 500kHz, without a PWM/VFM alternative circuit, Reset-type protection
d
Designation of Taping Type;
Ex. :TR,TL(refer to Taping Specification)
”TR” is prescribed as a standard.


Similar Part No. - R1223N252H-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1221N RICOH-R1221N Datasheet
218Kb / 21P
   Step-down DC/DC Converter with Voltage Detector
R1221N15AA RICOH-R1221N15AA Datasheet
218Kb / 21P
   Step-down DC/DC Converter with Voltage Detector
R1221N15AA-TR RICOH-R1221N15AA-TR Datasheet
218Kb / 21P
   Step-down DC/DC Converter with Voltage Detector
R1221N15AC RICOH-R1221N15AC Datasheet
218Kb / 21P
   Step-down DC/DC Converter with Voltage Detector
R1221N15AC-TR RICOH-R1221N15AC-TR Datasheet
218Kb / 21P
   Step-down DC/DC Converter with Voltage Detector
More results

Similar Description - R1223N252H-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1224N RICOH-R1224N Datasheet
1Mb / 42P
   PWM/VFM step-down DC/DC Converter
R1225N RICOH-R1225N Datasheet
263Kb / 31P
   PWM/VFM step-down DC/DC Converter
R1230D RICOH-R1230D Datasheet
881Kb / 20P
   PWM/VFM Step-down DC/DC Converter with Synchronous Rectifier
R1234D RICOH-R1234D Datasheet
915Kb / 26P
   PWM/VFM Step-Down DC/DC CONVERTER with Synchronous Rectifier
logo
Richtek Technology Corp...
RT9261 RICHTEK-RT9261_07 Datasheet
153Kb / 12P
   VFM Step-Up DC/DC Converter
logo
ELM Technology Corporat...
ELM600-SERIES ELM-TECH-ELM600-SERIES Datasheet
1Mb / 7P
   PWM step down DC/DC converter
logo
RICOH electronics devic...
RH5RI301B RICOH-RH5RI301B Datasheet
179Kb / 24P
   VFM STEP-UP DC/DC CONVERTER?
logo
Richtek Technology Corp...
RT9261B RICHTEK-RT9261B_07 Datasheet
127Kb / 8P
   VFM Step-Up DC/DC Converter
RT9261 RICHTEK-RT9261 Datasheet
219Kb / 14P
   VFM Step-up DC/DC Converter
logo
RICOH electronics devic...
RH5RIXX1B RICOH-RH5RIXX1B Datasheet
178Kb / 24P
   VFM STEP-UP DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com