Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

30490-1012 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 30490-1012
Description  Mini-Fit짰 Grounding Pin 30490, 18-24 AWG, Bag, Phosphor Bronze Select Gold (Au)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

30490-1012 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  30490-1012 Datasheet HTML 1Page - Molex Electronics Ltd. 30490-1012 Datasheet HTML 2Page - Molex Electronics Ltd. 30490-1012 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 06/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0304901012
Status:
Active
Overview:
minifit_jr
Description:
Mini-Fit® Grounding Pin 30490, 18-24 AWG, Bag, Phosphor Bronze Select Gold (Au)
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Crimp Terminals
Series
30490
Comments
Grounding Pin
Crimp Quality Equipment
Yes
Overview
minifit_jr
Product Name
Mini-Fit®
Physical
Gender
Male
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin-Lead
Packaging Type
Bag
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.76
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
1.30-3.10mm (.051-.122")
Wire Size AWG
18, 20, 22, 24
Wire Size mm²
N/A
Electrical
Current - Maximum per Contact
9A
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-5556-003
Sales Drawing
SD-30490-***2
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
30490Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Extraction Tool
0011030044
Hand Crimp Tool for
Mini-Fit™ Jr. Male
and Female Crimp
Terminals, 16-24
AWG
0638190900
This document was generated on 06/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 30490-1012

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
30490-2002 MOLEX4-30490-2002 Datasheet
177Kb / 4P
   Mini-Fit짰 Crimp Grounding Terminal
30490-2012 MOLEX4-30490-2012 Datasheet
175Kb / 4P
   Mini-Fit짰 Crimp Grounding Terminal, Series 30490, Male, with Tin (Sn) PlatedPhosphor Bronze Contact, 18-24 AWG, Bag
More results

Similar Description - 30490-1012

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0444851211 MOLEX6-0444851211 Datasheet
273Kb / 4P
   Mini-Fit짰 Crimp Terminal, 18-24 AWG, Reel, Phosphor Bronze, Select Gold (Au)
0444851212 MOLEX6-0444851212 Datasheet
272Kb / 4P
   Mini-Fit Crimp Terminal, 18-24 AWG, Bag, Phosphor Bronze, Select Gold (Au)
0304901002 MOLEX4-0304901002 Datasheet
177Kb / 4P
   Mini-Fit짰 Grounding Pin 30490
0304902012 MOLEX4-0304902012 Datasheet
175Kb / 4P
   Mini-Fit짰 Crimp Grounding Terminal, Series 30490, Male, with Tin (Sn) PlatedPhosphor Bronze Contact, 18-24 AWG, Bag
39-00-0181 MOLEX11-39-00-0181 Datasheet
99Kb / 3P
   4.20mm Pitch Mini-Fit짰 Crimp Terminal, Female, Phosphor Bronze, Gold (Au), 18-24 AWG, Reel
0039000182 MOLEX3-0039000182 Datasheet
384Kb / 4P
   4.20mm (.165") Pitch Mini-Fit Crimp Terminal, Female, Phosphor Bronze, Gold (Au), 18-24 AWG, Bag
0039000154 MOLEX3-0039000154 Datasheet
251Kb / 4P
   4.20mm (.165") Pitch Mini-Fit Crimp Terminal, Female, Phosphor Bronze, Gold (Au), 18-24 AWG, Bag
0039000220 MOLEX3-0039000220 Datasheet
245Kb / 4P
   4.20mm (.165") Pitch Mini-Fit??Crimp Terminal, Male, Phosphor Bronze, Gold (Au), 18-24 AWG, Bag
0008580189 MOLEX1-0008580189 Datasheet
161Kb / 3P
   Trifurcon??Crimp Terminal 6438, 18-20 AWG, Bag, Phosphor Bronze Gold (Au)
0039000022 MOLEX3-0039000022 Datasheet
117Kb / 3P
   SPOX Crimp Terminal 5194, 18-24 AWG, Phosphor Bronze, Bag
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com