Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0307005080 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0307005080
Description  2.54mm (.100") Pitch, 0.64mm (.025") Width H-DAC 64??High Density AutomotiveHeader, Dual Row, Right Angle 8 Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

0307005080 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0307005080 Datasheet HTML 1Page - Molex Electronics Ltd. 0307005080 Datasheet HTML 2Page - Molex Electronics Ltd. 0307005080 Datasheet HTML 3Page - Molex Electronics Ltd. 0307005080 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0307005080
Status:
Active
Overview:
hdac_64_dualrow_high_density_automotive_connectors
Description:
2.54mm (.100") Pitch, 0.64mm (.025") Width H-DAC 64™ High Density Automotive
Header, Dual Row, Right Angle 8 Circuits
Documents:
Test Summary (PDF)
Application Specification (PDF)
3D Model
Product Specification PS-30700-0001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
PCB Headers
Series
30700
Application
Board-to-Board
Comments
Polarization Option 1
Overview
hdac_64_dualrow_high_density_automotive_connectors
Product Literature Order No
USA-287
Product Name
H-DAC 64™
Physical
Breakaway
No
Circuits (Loaded)
8
Circuits (maximum)
8
Color - Resin
Gray
Durability (mating cycles max)
25
First Mate / Last Break
No
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Modified Polystyrene
Number of Rows
2
Orientation
Right Angle
PC Tail Length (in)
0.145 In
PC Tail Length (mm)
3.69 mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.061 In
PCB Thickness Recommended (mm)
1.57 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Shrouded
Fully
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
7A
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
30700Series
Mates With
307001 H-DAC 64™ High Density Crimp
Housing


Similar Part No. - 0307005080

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0307005060 MOLEX4-0307005060 Datasheet
351Kb / 4P
   2.54mm (.100") Pitch, 0.64mm (.025") Width H-DAC 64??High Density AutomotiveHeader, Dual Row, Right Angle 6 Circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com