Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1221N15AG-TR Datasheet(PDF) 1 Page - RICOH electronics devices division

Part # R1221N15AG-TR
Description  Step-down DC/DC Converter with Voltage Detector
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1221N15AG-TR Datasheet(HTML) 1 Page - RICOH electronics devices division

  R1221N15AG-TR Datasheet HTML 1Page - RICOH electronics devices division R1221N15AG-TR Datasheet HTML 2Page - RICOH electronics devices division R1221N15AG-TR Datasheet HTML 3Page - RICOH electronics devices division R1221N15AG-TR Datasheet HTML 4Page - RICOH electronics devices division R1221N15AG-TR Datasheet HTML 5Page - RICOH electronics devices division R1221N15AG-TR Datasheet HTML 6Page - RICOH electronics devices division R1221N15AG-TR Datasheet HTML 7Page - RICOH electronics devices division R1221N15AG-TR Datasheet HTML 8Page - RICOH electronics devices division R1221N15AG-TR Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Step-down DC/DC Converter with Voltage Detector
R1221N Series
‘99.12.8
1
1
1
122223
3
3
345
45
45
45
12345
Rev. 1.11
- 1 -
n
n
n
n OUTLINE
The R1221N Series are PWM step-down DC/DC Converter controllers embedded with a voltage detector, with
low supply current by CMOS process.
Each step-down DC/DC converter in these ICs consists of an oscillator, a PWM control circuit, a reference
voltage unit, an error amplifier, a soft-start circuit, a protection circuit, a PWM/VFM alternative circuit, a chip
enable circuit, and resistors for voltage detection. A low ripple, high efficiency step-down DC/DC converter can be
composed of this IC with only four external components, or a power-transistor, an inductor, a diode and a
capacitor.
The output voltage of DC/DC converter can be supervised by the built-in voltage detector.
With a PWM/VFM alternative circuit, when the load current is small, the operation turns into the VFM oscillator
from PWM oscillator automatically, therefore the efficiency at small load current is improved.
And the PWM/VFM alternative circuit is an option, in terms of C version and D version, the circuit is not included.
If the term of maximum duty cycle keeps on a certain time, the embedded protection circuit works. There are two
types of protection function. One is latch-type protection circuit, and it works to latch an external Power MOS with
keeping it disable. To release the condition of protection, after disable this IC with a chip enable circuit, enable it
again, or restart this IC with power-on. The other is Reset-type protection circuit, and it works to restart the
operation with soft-start and repeat this operation until maximum duty cycle condition is released. Either of these
protection circuits can be designated by users’ request.
n
n
n
n FEATURES
l Wide Range of Input Voltage · · · · · · · · · · · · · 2.3V to 13.2V
l Built-in Soft-start Function and two choices of Protection Function(Latch-type or Reset-type)
l Two choices of Oscillator Frequency · · · · · · · · · · 300kHz, 500kHz
l High Efficiency · · · · · · · · · · · · · · · · · · · · · · TYP. 90%
l Standby Current · · · · · · · · · · · · · · · · · · · · · TYP. 0µA
l Setting Output Voltage · · · · · · · · · · · · · · · · · Stepwise setting with a step of 0.1V in the range of
1.5V to 5.0V
l High Accuracy Output Voltage · · · · · · · · · · · · · · ±2.0%
l Setting Detector Threshold Voltage · · · · · · · · · · · Stepwise setting with a step of 0.1V in the range of
1.2V to 4.5V
l High Accuracy Detector Threshold Voltage· · · · · · · ±2.0%
l Low Temperature-Drift Coefficient of Output Voltage · TYP. ±100ppm/°C
n
n
n
n APPLICATIONS
l Power source for hand-held communication equipment, cameras, video instruments such as VCRs,
camcorders.
l Power source for battery-powered equipment.
l Power source for household electrical appliances.


Similar Part No. - R1221N15AG-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1223N RICOH-R1223N Datasheet
207Kb / 19P
   PWM/VFM Step-down DC/DC Converter
R1223N152A RICOH-R1223N152A Datasheet
207Kb / 19P
   PWM/VFM Step-down DC/DC Converter
R1223N152A-TR RICOH-R1223N152A-TR Datasheet
207Kb / 19P
   PWM/VFM Step-down DC/DC Converter
R1223N152C RICOH-R1223N152C Datasheet
207Kb / 19P
   PWM/VFM Step-down DC/DC Converter
R1223N152C-TR RICOH-R1223N152C-TR Datasheet
207Kb / 19P
   PWM/VFM Step-down DC/DC Converter
More results

Similar Description - R1221N15AG-TR

ManufacturerPart #DatasheetDescription
logo
Micon Design Technology...
MDT763320 MDTIC-MDT763320 Datasheet
149Kb / 5P
   Step-up DC/DC Converter with Voltage Detector
MDT763020 MDTIC-MDT763020 Datasheet
127Kb / 5P
   Step-up DC/DC Converter with Voltage Detector
MDT762720 MDTIC-MDT762720 Datasheet
128Kb / 5P
   Step-up DC/DC Converter with Voltage Detector
MDT763022 MDTIC-MDT763022 Datasheet
40Kb / 4P
   Step-up DC/DC Converter with Voltage Detector
logo
Texas Instruments
TPS57060-Q1 TI1-TPS57060-Q1_16 Datasheet
2Mb / 51P
[Old version datasheet]   Step-Down DC-DC Converter With
logo
Holtek Semiconductor In...
HT7627 HOLTEK-HT7627 Datasheet
77Kb / 6P
   PFM Step-up DC/DC Converter & Voltage Detector
logo
Torex Semiconductor
XC9510 TOREX-XC9510_1 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
XCM524 TOREX-XCM524 Datasheet
1Mb / 52P
   600mA Synchronous Step-Down DC/DC Converter 500mA LDO with Delay Function Voltage Detector
XC9508 TOREX-XC9508 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator plus Voltage Detector
XC9510 TOREX-XC9510_2 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com