Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RN5RF50BC-TL Datasheet(PDF) 7 Page - RICOH electronics devices division

Part # RN5RF50BC-TL
Description  LOW RIPPLE VOLTAGE REGULATOR WITH EXTERNAL TRANSISTOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RN5RF50BC-TL Datasheet(HTML) 7 Page - RICOH electronics devices division

Back Button RN5RF50BC-TL Datasheet HTML 3Page - RICOH electronics devices division RN5RF50BC-TL Datasheet HTML 4Page - RICOH electronics devices division RN5RF50BC-TL Datasheet HTML 5Page - RICOH electronics devices division RN5RF50BC-TL Datasheet HTML 6Page - RICOH electronics devices division RN5RF50BC-TL Datasheet HTML 7Page - RICOH electronics devices division RN5RF50BC-TL Datasheet HTML 8Page - RICOH electronics devices division RN5RF50BC-TL Datasheet HTML 9Page - RICOH electronics devices division RN5RF50BC-TL Datasheet HTML 10Page - RICOH electronics devices division RN5RF50BC-TL Datasheet HTML 11Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
RN5RF
6
OPERATION
2
5
1
VOUT
GND
VDD
CE
Vref
3
Current Limit
+
-
4
EXT
IN
GND
RN5RF
××A
PNP Tr
Ra
Rb
CL
C
OUT
GND
,Q#WKHVH#,&V/#2XWSXW#9ROWDJH#9287#LV#GHWHFWHG#E\#)HHG0EDFN#5HVLVWRUV/#5$#DQG#5%#DQG#WKH#GHWHFWHG#2XWSXW#9ROWDJH
LV#FRP0SDUHG#ZLWK#D#UHIHUHQFH#YROWDJH#E\#(UURU#$PSOLILHU#VR#WKDW#WKH#EDVH#FXUUHQW#RI#([WHUQDO#313#7UDQVLVWRU#FDQ#EH
DGMXVWHG#DQG#2XWSXW#9ROWDJH#9287#LV#DEOH#WR#EH#UHJXODWHG1
7KH#EDVH#FXUUHQW#RI#DQ#H[WHUQDO#7U1#LV#PRQLWRUHG#DQG#FRQWUROOHG#E\#DQ#LQWHUQDO#%DVH#&XUUHQW#/LPLW#FLUFXLW#WR#NHHS
FXUUHQW#ZLWKLQ#D#SURSHU#UDQJH1##)XUWKHUPRUH/#WKH#RWKHU#FXUUHQW#OLPLW#FLUFXLW#SUHYHQWV#D#SUREOHP#ZKLFK#LV#WKDW#D#EDVH
FXUUHQW#LQFUHDV0HV#VKDUSO\#ZKHQ#LQSXW#9ROWDJH#9,1#EHFRPHV#ORZHU#WKDQ#6HW#2XWSXW#9ROWDJH1
Notes on selecting external components
+4, 2Q#H[WHUQDO#313#WUDQVLVWRU
%H#FDUHIXO#RI#RXWSXW#FXUUHQW/#LQSXW#YROWDJH#DQG#SRZHU#GLVVLSDWLRQ#RI#([WHUQDO#313#7UDQVLVWRU1
([WHUQDO#313#7UDQVLVWRU#ZLWK#D#ORZ#9&(#+VDW,#DQG#DQ#K)(#EHWZHHQ#433#DQG#633#LV#VXLWDEOH1
+5, 2Q#SKDVH#FRPSHQVDWLRQ#,Q#WKHVH#,&V/#SKDVH#FRPSHQVDWLRQ#LV#PDGH#IRU#VHFXULQJ#VWDEOH#RSHUDWLRQ#RQ#WKH#RXWSXW
VWDJH#HYHQ#LI#WKH#ORDG#FXUUHQW#LV#YDULHG1##)RU#WKLV#SXUSRVH/#EH#VXUH#WR#XVH#D#FDSDFLWRU#&/#+WDQWDOXP#W\SH,#ZLWK#D
FDSDFLWDQFH#RI#43—)#RI#PRUH1##7KHUH#PD\#EH#WKH#FDVH#WKH#ORRS#RVFLOODWLRQ#WDNHV#SODFH#ZKHQ#D#WDQWDOXP#FDSDFLWRU
&/#ZLWK#D#ODUJH#(65#LV#XVHG/#VR#VHOHFW#WKH#&/#FDUHIXOO\#LQFOXGLQJ#WKH#IUHTXHQF\#FKDUDFWHULVWLFV1


Similar Part No. - RN5RF50BC-TL

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
More results

Similar Description - RN5RF50BC-TL

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC78BC00 MOTOROLA-MC78BC00 Datasheet
98Kb / 8P
   VOLTAGE REGULATOR WITH EXTERNAL POWER TRANSISTOR
logo
RICOH electronics devic...
RN5RG RICOH-RN5RG Datasheet
125Kb / 11P
   VOLTAGE REGULATOR WITH EXTERNAL POWER TRANSISTOR?
logo
Seiko Instruments Inc
S-816 SII-S-816 Datasheet
645Kb / 24P
   EXTERNAL TRANSISTOR TYPE CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-816 ABLIC-S-816 Datasheet
662Kb / 24P
   EXTERNAL TRANSISTOR TYPE CMOS VOLTAGE REGULATOR
Rev.6.1_02
logo
Maxim Integrated Produc...
MAX8737 MAXIM-MAX8737 Datasheet
749Kb / 15P
   Dual, Low-Voltage Linear Regulator Controllers with External MOSFETs
Rev 0; 5/05
logo
Seiko Instruments Inc
S-T111 SII-S-T111 Datasheet
238Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1165 SII-S-1165 Datasheet
280Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1312A10H-M5T1U3 SII-S-1312A10H-M5T1U3 Datasheet
2Mb / 38P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-T111 ABLIC-S-T111 Datasheet
363Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_02
S-1701 ABLIC-S-1701 Datasheet
674Kb / 71P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.3.1_02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com