Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0352720410 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0352720410
Description  6.00mm (.236") Tab Wire-to-Wire Plug Housing, Secondary Lock, 4 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

0352720410 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0352720410 Datasheet HTML 1Page - Molex Electronics Ltd. 0352720410 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/06/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0352720410
Status:
Active
Description:
6.00mm (.236") Tab Wire-to-Wire Plug Housing, Secondary Lock, 4 Circuits
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-35270-001 (PDF)
General
Product Family
Crimp Housings
Series
35272
Comments
Polarized to Mating Part
Product Name
N/A
Physical
Circuits (maximum)
4
Color - Resin
Natural
Gender
Male
Glow-Wire Compliant
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Resin
Polyester
Number of Rows
2
Packaging Type
Bag
Panel Mount
Yes
Pitch - Mating Interface (in)
0.236 In
Pitch - Mating Interface (mm)
6.00 mm
Pitch - Term. Interface (in)
0.354 In
Pitch - Term. Interface (mm)
9.00 mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +80°C
Electrical
Current - Maximum per Contact
6A
Material Info
Reference - Drawing Numbers
Product Specification
PS-35270-001
Sales Drawing
SD-35272-0410
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
35272Series
Mates With
35270 Wire-to-Wire Receptacle Housing
Use With
35725 Slip-In Wire-to-Wire Terminal
This document was generated on 04/06/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0352720410

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0352720210 MOLEX4-0352720210 Datasheet
75Kb / 2P
   6.00mm (.236") Tab Wire-to-Wire Plug Housing
0352720310 MOLEX4-0352720310 Datasheet
75Kb / 2P
   6.00mm (.236") Tab Wire-to-Wire Plug Housing
0352720610 MOLEX4-0352720610 Datasheet
77Kb / 2P
   6.00mm (.236") Tab Wire-to-Wire Plug Housing, Secondary Lock, 6 Circuits
0352720620 MOLEX4-0352720620 Datasheet
92Kb / 2P
   6.00mm (.236") Tab Wire-to-Wire Plug Housing
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com