Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS5C348A Datasheet(PDF) 8 Page - RICOH electronics devices division

Part # RS5C348A
Description  4-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RS5C348A Datasheet(HTML) 8 Page - RICOH electronics devices division

Back Button RS5C348A Datasheet HTML 4Page - RICOH electronics devices division RS5C348A Datasheet HTML 5Page - RICOH electronics devices division RS5C348A Datasheet HTML 6Page - RICOH electronics devices division RS5C348A Datasheet HTML 7Page - RICOH electronics devices division RS5C348A Datasheet HTML 8Page - RICOH electronics devices division RS5C348A Datasheet HTML 9Page - RICOH electronics devices division RS5C348A Datasheet HTML 10Page - RICOH electronics devices division RS5C348A Datasheet HTML 11Page - RICOH electronics devices division RS5C348A Datasheet HTML 12Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 53 page
background image
5
R
×5C348A/B
DC ELECTRICAL CHARACTERISTICS
Symbol
Item
Pin name
Conditions
MIN.
TYP.
MAX.
Unit
VIH
“H” Input Voltage
SCLK,CE, SI
VDD=2.5 to 5.5V
0.8VDD
5.5
V
VIL
“L” Input Voltage
–0.3
0.2VDD
IOH
“H” Output Current
SO
VOH=VDD–0.5V
–0.5
IOL1
“L” Output Current
INTR, 32KOUT(R
×5C348A)
VOL=0.4V
2
mA
IOL2
SO,32KOUT(R
×5C348B)
0.5
IIL
Input Leakage Current SCLK, SI
VI=5.5V or Vss
–1
1
µA
VDD=5.5V
RDNCE
Pull-down Resistance
CE
40
120
400
k
IOZ1
Output Off-state
SO
Vo=5.5V or Vss
–1
1
µA
Leakage Current
VDD=5.5V
IOZ2
32KOUT, INTR
VO=5.5V
–1
1
IDD
VDD=3V,CE=OPEN
(R
×5C348A)
VDD
Output=OPEN
0.35
0.8
Standby Current
32KOUT=Off mode*1
µA
IDD
VDD=3V,CE=OPEN
(R
×5C348B)
VDD
Output=OPEN
0.55
1.0
32KOUT=On mode
VDETH
Supply Voltage Monitoring
VDD
Topt=–30 to +70˚C
1.90
2.10
2.30
V
Voltage (“H”)
VDETL
Supply Voltage Monitoring
VDD
Topt=–30 to +70˚C
1.45
1.60
1.80
V
Voltage (“L”)
CG
Internal Oscillation Capacitance 1 OSCIN
12
pF
CD
Internal Oscillation Capacitance 2 OSCOUT
12
Unless otherwise specified : Vss=0V,VDD=3V,Topt=–40 to +85˚C
*1) For standby current for outputting 32.768-kHz clock pulses from the 32KOUT pin, see “USAGES, 7. Typical Characteristics”.


Similar Part No. - RS5C348A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RS5C348A RICOH-RS5C348A Datasheet
1Mb / 45P
   4-WIRE SERIAL INTERFACE
RS5C348A RICOH-RS5C348A Datasheet
1Mb / 47P
   4-wire Serial Interface
RS5C348A RICOH-RS5C348A Datasheet
1Mb / 47P
   4-wire Serial Interface
RS5C348A-E2-F RICOH-RS5C348A-E2-F Datasheet
1Mb / 47P
   4-wire Serial Interface
More results

Similar Description - RS5C348A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RV5C338A RICOH-RV5C338A Datasheet
440Kb / 52P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RV5C339A RICOH-RV5C339A Datasheet
421Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
RS5C338A RICOH-RS5C338A Datasheet
578Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION
RV5C339A RICOH-RV5C339A_03 Datasheet
364Kb / 46P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A Datasheet
363Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
RV5C386A RICOH-RV5C386A Datasheet
362Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function
RV5C386A RICOH-RV5C386A_03 Datasheet
377Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A_03 Datasheet
376Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
R2033K RICOH-R2033K Datasheet
582Kb / 50P
   3 wire interface Real-Time Clock ICs
R2061K RICOH-R2061K Datasheet
723Kb / 56P
   wire interface Real-Time Clock ICs with Battery Backup switch-over Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com