Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R3111H361C Datasheet(PDF) 1 Page - RICOH electronics devices division

Part # R3111H361C
Description  LOW VOLTAGE DETECTOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R3111H361C Datasheet(HTML) 1 Page - RICOH electronics devices division

  R3111H361C Datasheet HTML 1Page - RICOH electronics devices division R3111H361C Datasheet HTML 2Page - RICOH electronics devices division R3111H361C Datasheet HTML 3Page - RICOH electronics devices division R3111H361C Datasheet HTML 4Page - RICOH electronics devices division R3111H361C Datasheet HTML 5Page - RICOH electronics devices division R3111H361C Datasheet HTML 6Page - RICOH electronics devices division R3111H361C Datasheet HTML 7Page - RICOH electronics devices division R3111H361C Datasheet HTML 8Page - RICOH electronics devices division R3111H361C Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
’98.Dec.05
LOW VOLTAGE DETECTOR
R3111xxx1A/C Series
Rev.1.10
- 1 -
s OUTLINE
The R3111 Series are voltage detector ICs with high detector threshold accuracy and ultra-low supply current by CMOS
process, which can be operated at an extremely low voltage and is used for system reset as an example.
Each of these ICs consists of a voltage reference unit, a comparator, resistors for detector threshold setting, an output driver
and a hysteresis circuit. The detector threshold is fixed with high accuracy internally and does not require any adjustment.
Two output types, Nch open drain type and CMOS type are available.
The R3111 Series are operable at a lower voltage than that for the RX5VL Series, and can be driven by a single battery.
Four types of packages, TO-92, SOT-89, SOT-23-5 and SC-82AB are available.
s FEATURES
q
Ultra-low Supply Current ............................................................... TYP. 0.8µA (VDD=1.5V)
q
Wide Range of Operating Voltage .................................................. 0.7 to 10.0V(Topt=25
°C)
q
Detector Threshold ......................................................................... Stepwise setting with a step of 0.1V in the range of
0.9V to 6.0V is possible.
q
High Accuracy Detector Threshold................................................ ±2.0%
q
Low Temperature-Drift Coefficient of Detector Threshold............ TYP. ±100ppm/
°C
q
Two Output Types .......................................................................... Nch Open Drain and CMOS
q
Four Types of Packages.................................................................. TO-92, SOT-89(Mini-power Mold), SOT-23-5 (Mini-
mold), SC-82AB
s APPLICATIONS
q
CPU and Logic Circuit Reset
q
Battery Checker
q
Window Comparator
q
Wave Shaping Circuit
q
Battery Back-up Circuit
q
Power Failure Detector
s BLOCK DIAGRAMS
R3111XXX1A
R3111XXX1C
VDD
OUT
GND
Vref
VDD
OUT
GND
Vref


Similar Part No. - R3111H361C

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R3111H361C RICOH-R3111H361C Datasheet
205Kb / 20P
   LOW VOLTAGE DETECTOR
R3111H361C RICOH-R3111H361C Datasheet
1Mb / 44P
   LOW VOLTAGE DETECTOR
R3111H361C RICOH-R3111H361C Datasheet
28Kb / 1P
   POWER MANAGEMENT ICs MARK INFORMATIONS R3111H SERIES MARK SPECIFICATION
More results

Similar Description - R3111H361C

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RN5VS RICOH-RN5VS Datasheet
202Kb / 30P
   LOW VOLTAGE DETECTOR
R3111XXX1A RICOH-R3111XXX1A Datasheet
205Kb / 20P
   LOW VOLTAGE DETECTOR
R3111X RICOH-R3111X Datasheet
1Mb / 44P
   LOW VOLTAGE DETECTOR
R3113D RICOH-R3113D Datasheet
314Kb / 18P
   LOW VOLTAGE DETECTOR
R5VT09A RICOH-R5VT09A Datasheet
324Kb / 31P
   LOW VOLTAGE DETECTOR?
RX5VT RICOH-RX5VT Datasheet
324Kb / 31P
   LOW VOLTAGE DETECTOR
logo
Pericom Semiconductor C...
PT7M6418 PERICOM-PT7M6418 Datasheet
393Kb / 12P
   Low Power Voltage Detector
logo
Shenzhen Huazhimei Semi...
HM70XX HMSEMI-HM70XX Datasheet
1Mb / 11P
   Low Power Voltage Detector
HM61XX HMSEMI-HM61XX Datasheet
1Mb / 12P
   Low Power Voltage Detector
logo
Pericom Semiconductor C...
PT7M6118 PERICOM-PT7M6118 Datasheet
531Kb / 11P
   Low Power Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com