Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0351960111 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0351960111
Description  6.35mm (.250") Tab MP-Lock??Housing, Male, 1 Circuit
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

0351960111 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0351960111 Datasheet HTML 1Page - Molex Electronics Ltd. 0351960111 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/15/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0351960111
Status:
Active
Description:
6.35mm (.250") Tab MP-Lock™ Housing, Male, 1 Circuit
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-35960-001 (PDF)
Agency Certification
CSA
LR95446
UL
E92853
General
Product Family
Crimp Housings
Series
35196
Product Name
MP-Lock™
Physical
Circuits (maximum)
1
Color - Resin
Natural
Flammability
94V-0
Gender
Male
Glow-Wire Compliant
No
Material - Resin
Nylon
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.000 In
Pitch - Mating Interface (mm)
0.00 mm
Temperature Range - Operating
-40°C to +105°C
Material Info
Reference - Drawing Numbers
Product Specification
PS-35960-001
Sales Drawing
SD-35196-0110
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
35196Series
Use With
35072-9*02
This document was generated on 04/15/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0351960111

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0351960110 MOLEX4-0351960110 Datasheet
84Kb / 2P
   6.35mm (.250") Tab MP-Lock??Housing, Male, 1 Circuit
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com