Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS5C314 Datasheet(PDF) 3 Page - RICOH electronics devices division

Part # RS5C314
Description  ULTRA-COMPACT REAL-TIME CLOCK IC?
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RS5C314 Datasheet(HTML) 3 Page - RICOH electronics devices division

  RS5C314 Datasheet HTML 1Page - RICOH electronics devices division RS5C314 Datasheet HTML 2Page - RICOH electronics devices division RS5C314 Datasheet HTML 3Page - RICOH electronics devices division RS5C314 Datasheet HTML 4Page - RICOH electronics devices division  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RS5C314
3
The real-time clock becomes accessible by switching the CE pin from the low level to high level to enable
interfacing with the CPU and then inputting setting data (control bits and address bits) to the SIO pin in synchronization with
shift clock pulses from the SCLK pin.
The input data are registered in synchronization with the rising edge of the SCLK. When the data is read, the read cycle shall
be set by control bits.
2.1 Read Cycle Flow
1. The CE pin is switched from the low level to the high level.
2. Four control bits (with the first bit ignored) and four read address bits are input from the SIO pin. At this time,
control bits R/W and AD are set equally to 1 while a control bit DT is set to 0.
3. The SIO pin enters the output mode at the falling edge of the shift clock pulse 2B from the SCLK pinwhile the
four read bits (MSB
→LSB) at designated addresses are output at the falling edge of the shift clock pulse 5B (see
the figure below).
4. Then, the SIO pin returns to the input mode at the falling edge of the shift clock pulse 1C. Afterwards control bits
and address bits are input at the shift clock pulses 1C in the same manner as at the shift clock pulse 1A.
5. At the end of read cycle, the CE pin is switched from the high level to the low level (after
tCEH from the rising edge
of the eighth shift clock pulse from the SCLK pin). (Following on read cycle, write operation can be performed by
setting control bits in the write mode at the shift clock pulse 1C and later with the CE pin held at the high level.)
R/W: Establishes the read mode when set to 1, and the write mode when set to 0.
AD: Writes succeeding address bits (A3 to A0) to the address register when set to 1 with the DT
bit set to 0 and performs no such write operation in any other case.
DT: Writes data bits (D3 to D0) to the counter or the register specified by the address register
which has written just before when set to 1 with the R/W and AD bits set equally to 0 and
performs no such write operation in any other case.
A3 to A0: Inputs the bits MSB to LSB in the address table describing the functions.
• Control bits
• Address bits
2. Read Data
1A
2A
3A
4A
5A
6A
7A
8A
1B
2B
3B
4B
5B
6B
7B
8B
1C
2C
3C
R/W
AD
DT
A3
A2
A1
A0
D3
D2
D1
D0
R/W
AD
*
CE
SCLK
Input to
SIO pin
Output from
SIO pin
(Internal processing)
Reading to shift register
Writing to
address resister
Setting of
control bit
Control bits
Address bits
(Hi-z)
(Hi-z)
(Hi-z)
Read data
Setting of
SIO pin in
output mode
Shifting data
Setting of SIO pin in
input mode
*
*) In the above figure, the “*” mark indicates arbitrary data; the “—” mark indicates unknown data;
the
mark indicates data which are available when the SIO pin is held at the high, low, or Hiz level ;
and the diagonaliy shaded area indicates high or low.
“ ”


Similar Part No. - RS5C314

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RS5C313 RICOH-RS5C313 Datasheet
267Kb / 32P
   ULTRA-COMPACT REAL-TIME CLOCK IC
RS5C316 RICOH-RS5C316 Datasheet
288Kb / 38P
   ULTRA-COMPACT SERIAL ALARM REAL-TIME CLOCK ICs
RS5C316A RICOH-RS5C316A Datasheet
288Kb / 38P
   ULTRA-COMPACT SERIAL ALARM REAL-TIME CLOCK ICs
RS5C316B RICOH-RS5C316B Datasheet
288Kb / 38P
   ULTRA-COMPACT SERIAL ALARM REAL-TIME CLOCK ICs
RS5C317A RICOH-RS5C317A Datasheet
309Kb / 40P
   ULTRA-COMPACT HIGH PERFORMANCE SERIAL REAL-TIME CLOCK ICs?
More results

Similar Description - RS5C314

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RS5C313 RICOH-RS5C313 Datasheet
267Kb / 32P
   ULTRA-COMPACT REAL-TIME CLOCK IC
logo
Nippon Precision Circui...
SM8578BV NPC-SM8578BV Datasheet
77Kb / 13P
   Real-time Clock IC
SM8577B NPC-SM8577B Datasheet
78Kb / 10P
   Real-time Clock IC
SM8578BV NPC-SM8578BV Datasheet
117Kb / 16P
   Real-time Clock IC
logo
RICOH electronics devic...
RS5C316A RICOH-RS5C316A Datasheet
288Kb / 38P
   ULTRA-COMPACT SERIAL ALARM REAL-TIME CLOCK ICs
RS5C321A RICOH-RS5C321A Datasheet
252Kb / 33P
   ULTRA-COMPACT SERIAL REAL-TIME CLOCK ICs WITH 32.768kHz
logo
MICORO CRYSTAL SWITZERL...
RV-4162 MICROCRYSTAL-RV-4162 Datasheet
1Mb / 39P
   Ultra Small Real Time Clock
logo
RICOH electronics devic...
RS5C317A RICOH-RS5C317A Datasheet
309Kb / 40P
   ULTRA-COMPACT HIGH PERFORMANCE SERIAL REAL-TIME CLOCK ICs?
logo
Golledge Electronics Lt...
RV8523C3 GOLLEDGE-RV8523C3 Datasheet
123Kb / 1P
   Real Time Clock, Ultra Low Power
logo
MICORO CRYSTAL SWITZERL...
RV-2123 MICROCRYSTAL-RV-2123 Datasheet
675Kb / 38P
   Ultra-Low-Power Real Time Clock
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com