Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC14554B Datasheet(PDF) 3 Page - Motorola, Inc

Part # MC14554B
Description  2-Bit by 2-Bit Parallel Binary Multiplier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14554B Datasheet(HTML) 3 Page - Motorola, Inc

  MC14554B Datasheet HTML 1Page - Motorola, Inc MC14554B Datasheet HTML 2Page - Motorola, Inc MC14554B Datasheet HTML 3Page - Motorola, Inc MC14554B Datasheet HTML 4Page - Motorola, Inc MC14554B Datasheet HTML 5Page - Motorola, Inc MC14554B Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MOTOROLA CMOS LOGIC DATA
3
MC14554B
SWITCHING CHARACTERISTICS* (CL = 50 pF, TA = 25_C)
Characteristic
Symbol
VDD
Min
Typ #
Max
Unit
Output Rise and Fall Time
tTLH, tTHL = (1.5 ns/pF) CL + 25 ns
tTLH, tTHL = (0.75 ns/pF) CL + 12.5 ns
tTLH, tTHL = (0.55 ns/pF) CL + 9.5 ns
tTLH,
tTHL
5.0
10
15
100
50
40
200
100
80
ns
Propagation Delay Time
K0 to C0
tPLH, tPHL = (1.7 ns/pF) CL + 185 ns
tPLH, tPHL = (0.66 ns/pF) CL + 82 ns
tPLH, tPHL = (0.5 ns/pF) CL + 60 ns
M0 to S2
tPLH, tPHL = (1.7 ns/pF) CL + 595 ns
tPLH, tPHL = (0.66 ns/pF) CL + 247 ns
tPLH, tPHL = (0.5 ns/pF) CL + 185 ns
tPLH,
tPHL
5.0
10
15
5.0
10
15
270
115
85
680
280
210
675
290
215
1700
750
570
ns
* The formulas given are for the typical characteristics only at 25
_C.
#Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
Figure 1. Dynamic Power Dissipation
Waveforms
Figure 2. Dynamic Signal Waveforms
All outputs connected to respective
CL loads. f = system clock frequency
LOGIC DIAGRAM
MULTIPLIER CELL
Inputs X0, X1, Y0, Y1, K1, and M2 low, and inputs
M0 and M1 high.
MULTIPLIER
CELL
20 ns
20 ns
VDD
VSS
VOH
VOL
90%
50%
10%
2f
1
ALL INPUTS
(50% DUTY CYCLE)
ANY OUTPUT
(50% DUTY CYCLE)
VDD
VSS
VOH
VOL
20 ns
20 ns
90%
50%
10%
tPLH
tPHL
50%
90%
10%
tTLH
tTHL
OUTPUT
C0 OR S2
INPUT
K0 OR M0
M1
Y1
M0
Y0
4
5
M2
C0
X0
K0
14
12
3
2
1
15
M
Y
M
Y
X
X
K
K
S
C
S
C
MULTIPLIER
CELL
M
X
K
S
C
Y
M
X
K
S
C
Y
MULTIPLIER
CELL
MULTIPLIER
CELL
6
7
9
11
S2
S1
S0
C1(S3)
X1
K1
M
Y
X
K
L
S
C
For K0 to C0:
Inputs X1, Y1, and K0 low, and inputs X0, Y0,
K1, M1, and M2 high.
For M0 to S2:
13
10


Similar Part No. - MC14554B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145540 MOTOROLA-MC145540 Datasheet
854Kb / 116P
   ADPCM Codec
More results

Similar Description - MC14554B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9344 ETC1-9344 Datasheet
304Kb / 5P
   BINARY (4-BIT BY 2-BIT) FULL MULTIPLIER
logo
Texas Instruments
SN54LS261 TI-SN54LS261 Datasheet
336Kb / 7P
[Old version datasheet]   2-BIT BY 4-BIT PARALLEL BINARY MULTIPLIERS
logo
National Semiconductor ...
DM93S43 NSC-DM93S43 Datasheet
108Kb / 4P
   4-BIT BY 2-BIT TWOS COMPLEMENT MULTIPLIER
logo
List of Unclassifed Man...
93S43 ETC1-93S43 Datasheet
304Kb / 3P
   4-BIT BY 2-BIT TWOS COMPLEMENT MULTIPLIER
logo
Texas Instruments
SN54284 TI-SN54284 Datasheet
113Kb / 4P
[Old version datasheet]   4-BIT BY 4-BIT PARALLEL BINARY MULTIPLIERS
logo
National Semiconductor ...
F100183 NSC-F100183 Datasheet
327Kb / 12P
   2 X 8-BIT RECODE MULTIPLIER
logo
Texas Instruments
SN54LS681 TI-SN54LS681 Datasheet
327Kb / 9P
[Old version datasheet]   4-BIT PARALLEL BINARY ACCUMULATORS
logo
Zarlink Semiconductor I...
PDSP16116 ZARLINK-PDSP16116 Datasheet
149Kb / 18P
   16 by 16 Bit Complex Multiplier
logo
LOGIC Devices Incorpora...
LMU08 LODEV-LMU08 Datasheet
176Kb / 7P
   8 x 8-bit Parallel Multiplier
LMU18 LODEV-LMU18 Datasheet
184Kb / 7P
   16 x 16-bit Parallel Multiplier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com