Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RN5RT40AC Datasheet(PDF) 6 Page - RICOH electronics devices division

Part # RN5RT40AC
Description  LOW DROPOUT VOLTAGE REGULATOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RN5RT40AC Datasheet(HTML) 6 Page - RICOH electronics devices division

Back Button RN5RT40AC Datasheet HTML 2Page - RICOH electronics devices division RN5RT40AC Datasheet HTML 3Page - RICOH electronics devices division RN5RT40AC Datasheet HTML 4Page - RICOH electronics devices division RN5RT40AC Datasheet HTML 5Page - RICOH electronics devices division RN5RT40AC Datasheet HTML 6Page - RICOH electronics devices division RN5RT40AC Datasheet HTML 7Page - RICOH electronics devices division RN5RT40AC Datasheet HTML 8Page - RICOH electronics devices division RN5RT40AC Datasheet HTML 9Page - RICOH electronics devices division RN5RT40AC Datasheet HTML 10Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
RN5RT
5
RN5RT40A
Topt=25˚C
Symbol
Item
Conditions
MIN.
TYP.
MAX.
Unit
VOUT
Output Voltage
VIN=5.0V, IOUT=10mA
3.920
4.000
4.080
V
IOUT
Output Current
VIN=5.0V
50
80
mA
∆VOUT
Load Regulation
VIN=5.0V
40
80
mV
∆IOUT
1mA
≤IOUT≤80mA
VDIF
Dropout Voltage
IOUT=80mA
0.3
0.5
V
ISS
Supply Current
VIN=5.0V (expect ICEL)4
10
µA
Istandby
Supply Current (Standby)
VIN=VCE=5.0V
0.1
1.0
µA
∆VOUT
Line Regulation
IOUT=30mA
0.15
0.3
%/V
∆VIN
VOUT+0.5V
≤VIN≤8V
VIN
Input Voltage
8V
∆VOUT
Output Voltage
IOUT=10mA
±100
ppm/˚C
∆Topt
Temperature Coefficient
–40˚C
≤Topt≤85˚C
Ilim
Short Current Limit
VOUT=0V
30
mA
VCEH
CE Input Voltage “H”
1.5
V
VCEL
CE Input Voltage “L”
0.25
V
ICEH
CE Input Current “H”
VCE=VIN
0
0.1
µA
ICEL
CE Input Current “L”
VCE=0V
–4.0
–2.0
–0.1
µA


Similar Part No. - RN5RT40AC

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RN5RT40AA-TR-FE RICOH-RN5RT40AA-TR-FE Datasheet
537Kb / 15P
   Supply Current Typ. 4關A (except ICEL)
More results

Similar Description - RN5RT40AC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com