Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

31402-2400 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 31402-2400
Description  2.54mm (.100") MX64??Sealed Single Row Crimp Housing, GET Terminal, Green, 2Circuits, Mating Part: Keying D, Lock None
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

31402-2400 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  31402-2400 Datasheet HTML 1Page - Molex Electronics Ltd. 31402-2400 Datasheet HTML 2Page - Molex Electronics Ltd. 31402-2400 Datasheet HTML 3Page - Molex Electronics Ltd. 31402-2400 Datasheet HTML 4Page - Molex Electronics Ltd. 31402-2400 Datasheet HTML 5Page - Molex Electronics Ltd. 31402-2400 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0314022400
Status:
Active
Overview:
mx64_sealed_single_row_connectors
Description:
2.54mm (.100") MX64™ Sealed Single Row Crimp Housing, GET Terminal, Green, 2
Circuits, Mating Part: Keying D, Lock None
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
General
Product Family
Crimp Housings
Series
31402
More Detailed Tech Information
http://ewcap.uscarteams.org
Overview
mx64_sealed_single_row_connectors
Product Name
MX64™, USCAR
Physical
Circuits (maximum)
2
Color - Resin
Black, Green, Black
Gender
Female
Glow-Wire Compliant
No
Keying to Mating Part
Yes
Lock to Mating Part
None
Material - Resin
Modified Polystyrene Alloy, Polyester
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Temperature Range - Operating
-40°C to +125°C
Electrical
Current - Maximum per Contact
9A
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-31300-256
Sales Drawing
SD-31402-211
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
31402Series
Mates With
Sensors, Other USCAR Interfaces
Use With
34230 Molex GET Terminals
This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 31402-2400

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
31402-2400 MOLEX-31402-2400 Datasheet
305Kb / 4P
   MX64 Single Row Sealed Connectors
31402-2400 MOLEX11-31402-2400 Datasheet
38Kb / 1P
   2.54mm MX64 Sealed Single Row Crimp Housing
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com