Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC14553B Datasheet(PDF) 5 Page - Motorola, Inc

Part # MC14553B
Description  3-Digit BCD Counter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14553B Datasheet(HTML) 5 Page - Motorola, Inc

  MC14553B Datasheet HTML 1Page - Motorola, Inc MC14553B Datasheet HTML 2Page - Motorola, Inc MC14553B Datasheet HTML 3Page - Motorola, Inc MC14553B Datasheet HTML 4Page - Motorola, Inc MC14553B Datasheet HTML 5Page - Motorola, Inc MC14553B Datasheet HTML 6Page - Motorola, Inc MC14553B Datasheet HTML 7Page - Motorola, Inc MC14553B Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MOTOROLA CMOS LOGIC DATA
5
MC14553B
OPERATING CHARACTERISTICS
The MC14553B three–digit counter, shown in Figure 3,
consists of three negative edge–triggered BCD counters
which are cascaded in a synchronous fashion. A quad latch
at the output of each of the three BCD counters permits stor-
age of any given count. The three sets of BCD outputs
(active high), after going through the latches, are time divi-
sion multiplexed, providing one BCD number or digit at a
time. Digit select outputs (active low) are provided for display
control. All outputs are TTL compatible.
An on–chip oscillator provides the low frequency scanning
clock which drives the multiplexer output selector. The fre-
quency of the oscillator can be controlled externally by a
capacitor between pins 3 and 4, or it can be overridden and
driven with an external clock at pin 4. Multiple devices can be
cascaded using the overflow output, which provides one
pulse for every 1000 counts.
The Master Reset input, when taken high, initializes the
three BCD counters and the multiplexer scanning circuit.
While Master Reset is high the digit scanner is set to digit
one; but all three digit select outputs are disabled to prolong
display life, and the scan oscillator is inhibited. The Disable
input, when high, prevents the input clock from reaching the
counters, while still retaining the last count. A pulse shaping
circuit at the clock input permits the counters to continue op-
erating on input pulses with very slow rise times. Information
present in the counters when the latch input goes high, will
be stored in the latches and will be retained while the latch
input is high, independent of other inputs. Information can be
recovered from the latches after the counters have been re-
set if Latch Enable remains high during the entire reset cycle.
Figure 3. Expanded Block Diagram
PULSE
SHAPER
CLOCK
12
11
DISABLE
(ACTIVE
HIGH)
C
R
Q0
Q1
Q2
Q3
÷10
UNITS
C
R
Q0
Q1
Q2
Q3
÷10
TENS
C
R
Q0
Q1
Q2
Q3
÷10
HUNDREDS
10
LATCH ENABLE
QUAD
LATCH
QUAD
LATCH
QUAD
LATCH
R
R
SCAN
OSCILLATOR
SCANNER
PULSE
GENERATOR
C1
4
3
C1A
C1B
MULTIPLEXER
9
7
6
5
Q0
Q1
Q2
Q3
BCD
OUTPUTS
(ACTIVE
HIGH)
13
14
2
1
15
MR
(ACTIVE HIGH)
OVERFLOW
DS1
DS2
DS3
(LSD) DIGIT SELECT (MSD)
(ACTIVE LOW)


Similar Part No. - MC14553B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14553B ONSEMI-MC14553B Datasheet
178Kb / 12P
   3-Digit BCD Counter
March, 2000 ??Rev. 3
MC14553BCP ONSEMI-MC14553BCP Datasheet
178Kb / 12P
   3-Digit BCD Counter
March, 2000 ??Rev. 3
MC14553BCP ONSEMI-MC14553BCP Datasheet
101Kb / 8P
   3?묭igit BCD Counter
June, 2006 ??Rev. 7
MC14553BCPG ONSEMI-MC14553BCPG Datasheet
101Kb / 8P
   3?묭igit BCD Counter
June, 2006 ??Rev. 7
MC14553BDW ONSEMI-MC14553BDW Datasheet
178Kb / 12P
   3-Digit BCD Counter
March, 2000 ??Rev. 3
More results

Similar Description - MC14553B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14553B ONSEMI-MC14553B Datasheet
178Kb / 12P
   3-Digit BCD Counter
March, 2000 ??Rev. 3
logo
Hitachi Semiconductor
HD14553B HITACHI-HD14553B Datasheet
91Kb / 6P
   Three-Digit BCD Counter
logo
ON Semiconductor
MC14553B ONSEMI-MC14553B_06 Datasheet
101Kb / 8P
   3?묭igit BCD Counter
June, 2006 ??Rev. 7
logo
NXP Semiconductors
HEF4518B PHILIPS-HEF4518B Datasheet
66Kb / 7P
   Dual BCD counter
January 1995
logo
Nexperia B.V. All right...
HEF4518B NEXPERIA-HEF4518B Datasheet
221Kb / 13P
   Dual BCD counter
Rev. 9 - 3 December 2021
logo
STMicroelectronics
HCF4518B STMICROELECTRONICS-HCF4518B_02 Datasheet
623Kb / 11P
   DUAL BCD UP COUNTER
logo
NXP Semiconductors
74HC4518 PHILIPS-74HC4518 Datasheet
63Kb / 7P
   Dual synchronous BCD counter
December 1990
74HC4510 PHILIPS-74HC4510 Datasheet
102Kb / 12P
   BCD up/down counter
December 1990
logo
Hitachi Semiconductor
HD14510B HITACHI-HD14510B Datasheet
88Kb / 6P
   BCD Up/Down Counter
logo
Motorola, Inc
MC14510B MOTOROLA-MC14510B Datasheet
284Kb / 10P
   BCD Up/Down Counter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com