Electronic Components Datasheet Search |
|
190390004 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
190390004 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 3 page This document was generated on 06/08/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0190390004 Status: Active Description: Avikrimp™ Snap Plug Receptacle for 18-22 AWG Wire, PVC, Fits Male Plug Diameter 4.57mm (.180") Documents: Drawing (PDF) RoHS Certificate of Compliance (PDF) Agency Certification CSA LR18689 UL E152602 General Product Family Quick Disconnects Series 19039 Comments Fits Male Plug Dia. 4.57mm (.180") Crimp Quality Equipment Yes Product Name Avikrimp™ Type Snap Receptacle Physical Barrel Type Closed Color - Resin Natural Flammability 94V-0 Gender Female Glow-Wire Compliant No Insulation PVC Lock to Mating Part None Material - Metal Brass Material - Plating Mating Tin Material - Plating Termination Tin Material - Resin PVC Orientation Straight Packaging Type Bag Plating min: Mating (µin) 100 Plating min: Mating (µm) 2.5 Plating min: Termination (µin) 100 Plating min: Termination (µm) 2.5 Tab Thickness N/A Tab Width N/A Temperature Range - Operating -40°C to +105°C Termination Interface: Style Crimp or Compression Wire Insulation Diameter 3.25mm (.128") max. Wire Size AWG 18, 20, 22 Wire Size mm² 0.25 - 1.50 Electrical Voltage - Maximum Per Wire Specification Material Info Old Part Number BRA-8180 Reference - Drawing Numbers Sales Drawing SD-19039-001 Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 19039Series Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Hand Crimp Tool 0640012300 Crimp Head for the AT-200™ Pneumatic Hand Tool 0640052300 |
Similar Part No. - 190390004 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |