Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R3112N131A-TR Datasheet(PDF) 1 Page - RICOH electronics devices division

Part # R3112N131A-TR
Description  LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R3112N131A-TR Datasheet(HTML) 1 Page - RICOH electronics devices division

  R3112N131A-TR Datasheet HTML 1Page - RICOH electronics devices division R3112N131A-TR Datasheet HTML 2Page - RICOH electronics devices division R3112N131A-TR Datasheet HTML 3Page - RICOH electronics devices division R3112N131A-TR Datasheet HTML 4Page - RICOH electronics devices division R3112N131A-TR Datasheet HTML 5Page - RICOH electronics devices division R3112N131A-TR Datasheet HTML 6Page - RICOH electronics devices division R3112N131A-TR Datasheet HTML 7Page - RICOH electronics devices division R3112N131A-TR Datasheet HTML 8Page - RICOH electronics devices division R3112N131A-TR Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
R3112xxx1A/C Series
2001. Apr. 4
Rev. 1.10
- 1 -
s OUTLINE
The R3112 Series are voltage detector ICs with high detector threshold accuracy and ultra-low
supply current by CMOS process, which can be operated at an extremely low voltage and is used for
system reset as an example.
Each of these ICs consists of a voltage reference unit, a comparator, resistor net for detector
threshold setting, an output driver, a hysteresis circuit, and an output delay circuit. The detector
threshold is fixed with high accuracy internally and does not require any adjustment. Two output types,
Nch open drain type and CMOS type are available.
Two types of packages, SOT-23-5 and ultra small SC-82AB can be selected so that high density
mounting on boards is possible.
s FEATURES
qBuilt-in Output Delay Circuit• • • • • • • • • • •TYP. 100ms with an external capacitor: 0.022
µF
qUltra-low Supply Current• • • • • • • • • • •TYP. 1.0µA (VDD=3.5V)
qWide Range of Operating Voltage • • • • • •0.7
∼6.0V(Topt=25°C)
qDetector Threshold • • • • • • • • •Stepwise setting with a step of 0.1V in the range of 0.9V to 5.0V
is possible.
qHigh Accuracy Detector Threshold • • • • • • • ±2.0%
qLow Temperature-Drift Coefficient of Detector Threshold• • • • • • • • • TYP. ±100ppm/
°C
qTwo Output Types• • • • • • • • • • • • • • • • • • • Nch Open Drain and CMOS
qTwo Types of Packages • • • • • • • • • • SOT-23-5 (Mini-mold), SC-82AB
s
s
s
s APPLICATIONS
CPU and Logic Circuit Reset
Battery Checker
Window Comparator
Wave Shaping Circuit
Battery Back-up Circuit
Power Failure Detector
s BLOCK DIAGRAMS
R3112XXX1A
R3112XXX1C
VDD
Vref
OUT
GND
CD
+
-
RD
Vref
VDD
OUT
GND
CD
+
--
RD


Similar Part No. - R3112N131A-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R3112N131A RICOH-R3112N131A Datasheet
951Kb / 30P
   LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
R3112N131A RICOH-R3112N131A Datasheet
61Kb / 1P
   MARK INFORMATION ME-R3112N-0310 R3112N SERIES MARK SPECIFICATION
More results

Similar Description - R3112N131A-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R3112X RICOH-R3112X Datasheet
951Kb / 30P
   LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
R3115Z RICOH-R3115Z Datasheet
884Kb / 28P
   LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
RN5VD RICOH-RN5VD Datasheet
198Kb / 28P
   VOLTAGE DETECTOR WITH OUTPUT DELAY
logo
Rohm
BU42XXG ROHM-BU42XXG Datasheet
341Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU42XXFVE ROHM-BU42XXFVE Datasheet
349Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU43XXG ROHM-BU43XXG Datasheet
326Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU42XXF ROHM-BU42XXF Datasheet
341Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU43XXF ROHM-BU43XXF Datasheet
326Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU43XXFVE ROHM-BU43XXFVE Datasheet
329Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
logo
Microchip Technology
TC51N5002ECBTR MICROCHIP-TC51N5002ECBTR Datasheet
449Kb / 14P
   1A Voltage Detector with Output Delay
05/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com