Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

190190037 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 190190037
Description  Avikrimp??Quick Disconnect, Female, for 10-12 (5.00-3.30) Wire, Box, Tab 6.35mm(.250") x 0.81mm (.032")
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

190190037 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  190190037 Datasheet HTML 1Page - Molex Electronics Ltd. 190190037 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0190190037
Status:
Active
Description:
Avikrimp™ Quick Disconnect, Female, for 10-12 (5.00-3.30) Wire, Box, Tab 6.35mm
(.250") x 0.81mm (.032")
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR18689
UL
E79133
General
Product Family
Quick Disconnects
Series
19019
Crimp Quality Equipment
Yes
MolexKits
Yes
Product Name
Avikrimp™
Type
Quick Disconnect
Physical
Barrel Type
Closed
Flammability
94V-2
Gender
Female
Glow-Wire Compliant
No
Insulation
Nylon (PA)
Lock to Mating Part
None
Material - Metal
Brass
Orientation
Straight
Packaging Type
Bag
Polarized to Mating Part
No
Tab Thickness
0.81mm (.032")
Tab Width
6.35mm (.250")
Temperature Range - Operating
-65°C to +105°C
Wire Insulation Diameter
5.70mm (.225") max.
Wire Size AWG
10, 12
Wire Size mm²
3.30 - 5.00
Electrical
Voltage - Maximum
300V
Material Info
Old Part Number
C-8143
Reference - Drawing Numbers
Sales Drawing
SD-19019-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19019Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Hand Crimp Tool
0640017300
Air Powered Crimp
Tool Head
0640057300
Hand Crimp Tool
0640010200
Crimp Head for the
AT-200™ Pneumatic
Hand Tool
0640050200
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 190190037

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
190190033 MOLEX4-190190033 Datasheet
238Kb / 3P
   Avikrimp??Quick Disconnect, Female, for 14-16 (2.00-1.30) Wire, Mylar Tape, Tab6.35mm (.250") x 0.81mm (.032")
190190034 MOLEX4-190190034 Datasheet
238Kb / 2P
   Avikrimp??Quick Disconnect, Female, for 14-16 (2.00-1.30) Wire, Box, Tab 5.21mm(.205") x 0.51mm (.020")
190190035 MOLEX4-190190035 Datasheet
238Kb / 2P
   Avikrimp??Quick Disconnect, Female, for 14-16 (2.00-1.30) Wire, Box, Tab 5.21mm(.205") x 0.81mm (.032")
190190036 MOLEX4-190190036 Datasheet
238Kb / 2P
   Avikrimp??Quick Disconnect, Female, for 14-16 (2.00-1.30) Wire, Metal Strip, Tab6.35mm (.250") x 0.81mm (.032")
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com