Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5440N201A-TR Datasheet(PDF) 7 Page - RICOH electronics devices division

Part # R5440N201A-TR
Description  Ni-Cd/Ni-MH Batteries Charger Protector Ics
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R5440N201A-TR Datasheet(HTML) 7 Page - RICOH electronics devices division

Back Button R5440N201A-TR Datasheet HTML 3Page - RICOH electronics devices division R5440N201A-TR Datasheet HTML 4Page - RICOH electronics devices division R5440N201A-TR Datasheet HTML 5Page - RICOH electronics devices division R5440N201A-TR Datasheet HTML 6Page - RICOH electronics devices division R5440N201A-TR Datasheet HTML 7Page - RICOH electronics devices division R5440N201A-TR Datasheet HTML 8Page - RICOH electronics devices division R5440N201A-TR Datasheet HTML 9Page - RICOH electronics devices division R5440N201A-TR Datasheet HTML 10Page - RICOH electronics devices division R5440N201A-TR Datasheet HTML 11Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
R5440N2xxA
6
Symbol
Item
Conditions
MIN.
TYP.
MAX.
Unit
'XW\
2VFLOODWRU#'XW\#F\FOH
9'' 7139/
96(164 96(165 *1'
:43
46
(
9RO
1FK#21#YROWDJH#RI#287
,RO 6P$/#9'' 5179/
96(164 5179/#96(165 4159
3148
9
9RK
3FK#21#YROWDJH#RI#287
,RK 0316P$/#9'' 7139/
96(164 7139/#96(165 5139
618
9
,6(164
6(164#,QSXW#&XUUHQW
96(164 5179/#96(165 4159
318
5
—$
,6(165
6(165#,QSXW#&XUUHQW
9'' 96(164 96(165 4159
318
5
—$
,''4
6XSSO\#FXUUHQW4
9'' 5179/#96(164 5179/
96(165 4159
513
4313
—$
,''5
6XSSO\#FXUUHQW5
9'' 4159/#96(164 4159/
96(165 3199
813
6313
—$
• R5440N202A
7RSW 58ƒ&
Symbol
Item
Conditions
MIN.
TYP.
MAX.
Unit
9''
2SHUDWLQJ#LQSXW#YROWDJH
415
43
9
9'(74
2YHU0YROWDJH#WKUHVKROG#RI
&HOO04
9'' 7139#96(165 4159
41:8
41;3
41;8
9
95(/4
5HOHDVH#YROWDJH#IURP#RYHU0
YROWDJH#GHWHFWLRQ#RI#&HOO04
9'' 7139#96(165 4159
4183
4188
4193
9
9+<64
2YHU0YROWDJH#GHWHFWRU
WKUHVKROG#+\VWHUHVLV#UDQJH#RI
&HOO04
9'(74095(/4
3148
3158
3168
9
W9'(7
2XWSXW#'HOD\#7LPH#IRU#2YHU0
YROWDJH#'HWHFWLRQ
9'' 7139
43
53
73
PV
9'(76
/RZ0YROWDJH#GHWHFWRU#WKUHVK0
ROG#RI#&HOO04
9'' 7139#96(165 4159
31:8
31;3
31;8
9
95(/6
5HOHDVH#YROWDJH#IURP#/RZ0
YROWDJH#GHWHFWLRQ#RI#&HOO04
9'' 7139#96(165 4159
31;3
31;8
31<3
9
9+<66
/RZ0YROWDJH#GHWHFWRU#WKUHVK0
ROG#+\VWHUHVLV#UDQJH
95(/609'(76
3136
3138
3148
9
9'(75
2YHU0YROWDJH#WKUHVKROG#RI
&HOO05
9'' 7139#96(164096(165 4159
41:8
41;3
41;8
9
95(/5
5HOHDVH#YROWDJH#IURP#RYHU0
YROWDJH#GHWHFWLRQ#RI#&HOO05
9'' 7139#96(164096(165 4159
4183
4188
4193
9


Similar Part No. - R5440N201A-TR

ManufacturerPart #DatasheetDescription
logo
Vanlong Technology Co.,...
R5405 VANLONG-R5405 Datasheet
92Kb / 2P
   303.825 MHz One Port SAW Resonator
logo
Hammond Manufacturing L...
R541-000-000 HAMMOND-R541-000-000 Datasheet
53Kb / 3P
   ACCESSORIES For Technocase Enclosures
R542-000-080 HAMMOND-R542-000-080 Datasheet
53Kb / 3P
   ACCESSORIES For Technocase Enclosures
R542-000-082 HAMMOND-R542-000-082 Datasheet
53Kb / 3P
   ACCESSORIES For Technocase Enclosures
R542-000-084 HAMMOND-R542-000-084 Datasheet
53Kb / 3P
   ACCESSORIES For Technocase Enclosures
More results

Similar Description - R5440N201A-TR

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM6780AS NPC-SM6780AS Datasheet
123Kb / 11P
   Ni-Cd/Ni-MH Battery Charger IC
SM6781BV NPC-SM6781BV Datasheet
101Kb / 10P
   Ni-MH/Ni-Cd Battery Charger IC
logo
National Semiconductor ...
LM3647 NSC-LM3647 Datasheet
272Kb / 17P
   Universal Battery Charger for Li-Ion, Ni-MH and Ni-Cd Batteries
logo
Shenzhen Huazhimei Semi...
HM4058C HMSEMI-HM4058C Datasheet
1Mb / 5P
   USB Ni-Cd/Ni-MH rechargeable IC
HM4058A HMSEMI-HM4058A Datasheet
568Kb / 7P
   USB Ni-Cd/Ni-MH rechargeable IC
HM4058B HMSEMI-HM4058B Datasheet
465Kb / 6P
   USB Ni-Cd/Ni-MH charge management IC
logo
List of Unclassifed Man...
V600HR ETC2-V600HR Datasheet
26Kb / 1P
   Ni-MH
V20HR ETC2-V20HR Datasheet
52Kb / 1P
   Ni-MH
V110HT ETC2-V110HT Datasheet
88Kb / 1P
   Rechargeable Ni-MH Button
CP300H ETC2-CP300H Datasheet
90Kb / 1P
   Rechargeable Ni-MH Button
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com