Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5421N152F Datasheet(PDF) 4 Page - RICOH electronics devices division

Part # R5421N152F
Description  Li-lon BATTERY PROTECTOR
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R5421N152F Datasheet(HTML) 4 Page - RICOH electronics devices division

  R5421N152F Datasheet HTML 1Page - RICOH electronics devices division R5421N152F Datasheet HTML 2Page - RICOH electronics devices division R5421N152F Datasheet HTML 3Page - RICOH electronics devices division R5421N152F Datasheet HTML 4Page - RICOH electronics devices division R5421N152F Datasheet HTML 5Page - RICOH electronics devices division R5421N152F Datasheet HTML 6Page - RICOH electronics devices division R5421N152F Datasheet HTML 7Page - RICOH electronics devices division R5421N152F Datasheet HTML 8Page - RICOH electronics devices division R5421N152F Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Rev.1.11
- 4 -
s ABSOLUTE MAXIMUM RATINGS
VSS=0V
Symbol
Item
Ratings
Unit
VDD
Supply voltage
-0.3 to 12
V
V-
VCt
Input Voltage
V - pin
Ct pin
VDD -28 to VDD +0.3
VSS -0.3 to VDD +0.3
V
V
VCOUT
VDOUT
Output voltage
COUT pin
DOUT pin
VDD -28 to VDD +0.3
VSS -0.3 to VDD +0.3
V
V
PD
Power dissipation
150
mW
Topt
Operating temperature
range
-40 to 85
°C
Tstg
Storage temperature range
-55 to 125
°C
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum ratings are threshold limit values that must not be exceeded ever for an instant under any conditions.
Moreover, such values for any two items must not be reached simultaneously. Operation above these absolute maximum
ratings may cause degradation or permanent damage to the device. These are stress ratings only and do not necessarily
imply functional operation below these limits.


Similar Part No. - R5421N152F

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
R542-000-080 HAMMOND-R542-000-080 Datasheet
53Kb / 3P
   ACCESSORIES For Technocase Enclosures
R542-000-082 HAMMOND-R542-000-082 Datasheet
53Kb / 3P
   ACCESSORIES For Technocase Enclosures
R542-000-084 HAMMOND-R542-000-084 Datasheet
53Kb / 3P
   ACCESSORIES For Technocase Enclosures
R542-000-086 HAMMOND-R542-000-086 Datasheet
53Kb / 3P
   ACCESSORIES For Technocase Enclosures
R542-000-120 HAMMOND-R542-000-120 Datasheet
53Kb / 3P
   ACCESSORIES For Technocase Enclosures
More results

Similar Description - R5421N152F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT9541 ETC-RT9541 Datasheet
194Kb / 8P
   LI LON BATTERY PROTECTOR
logo
RICOH electronics devic...
R5422N111C RICOH-R5422N111C Datasheet
85Kb / 9P
   Li-lon BATTERY PROTECTOR?
RN5VM111C RICOH-RN5VM111C Datasheet
180Kb / 25P
   Li-lon BATTERY PROTECTOR
logo
Taiwan Memory Technolog...
T63H0006B TMT-T63H0006B Datasheet
52Kb / 6P
   Li-Ion Battery Protector
logo
Taiwan Semiconductor Co...
TS2208 TSC-TS2208 Datasheet
107Kb / 6P
   Li-Ion Battery Protector
logo
List of Unclassifed Man...
SC451XX ETC-SC451XX Datasheet
209Kb / 13P
   LI-ION BATTERY PROTECTOR
logo
Taiwan Semiconductor Co...
TS2207 TSC-TS2207 Datasheet
152Kb / 6P
   Li-Ion Battery Protector
logo
Taiwan Memory Technolog...
T63H0001A TMT-T63H0001A Datasheet
55Kb / 7P
   Li-Ion Battery Protector
logo
Seaward Electronics Inc...
SE9018 SEAWARD-SE9018 Datasheet
314Kb / 9P
   1A Standalone Linear Li-lon Battery Charger
logo
SHOUDING Shouding Semic...
SD9057 SHOUDING-SD9057 Datasheet
1Mb / 10P
   Linear Li-Lon Battery Charger High Accuracy
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com