Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1141Q401D-TR Datasheet(PDF) 4 Page - RICOH electronics devices division

Part # R1141Q401D-TR
Description  SC82 120mA LDO REGULATOR????
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1141Q401D-TR Datasheet(HTML) 4 Page - RICOH electronics devices division

  R1141Q401D-TR Datasheet HTML 1Page - RICOH electronics devices division R1141Q401D-TR Datasheet HTML 2Page - RICOH electronics devices division R1141Q401D-TR Datasheet HTML 3Page - RICOH electronics devices division R1141Q401D-TR Datasheet HTML 4Page - RICOH electronics devices division R1141Q401D-TR Datasheet HTML 5Page - RICOH electronics devices division R1141Q401D-TR Datasheet HTML 6Page - RICOH electronics devices division R1141Q401D-TR Datasheet HTML 7Page - RICOH electronics devices division R1141Q401D-TR Datasheet HTML 8Page - RICOH electronics devices division R1141Q401D-TR Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Rev. 1.10
- 4 -
s ELECTRICAL CHARACTERISTICS
q
R1141QXX1B/R1141QXX1D
Topt=25
°C
Symbol
Item
Conditions
MIN.
TYP.
MAX.
Unit
VOUT
Output Voltage
VIN = Set VOUT+1V
1mA
≤ IOUT ≤ 30mA(Note 1)
VOUT
×0.985
(-30mV)
VOUT
×1.015
(+30mV)
V
IOUT
Output Current
VIN - VOUT = 1.0V
120
mA
∆VOUT/∆IOUT
Load Regulation
VIN = Set VOUT+1V
1mA
≤ IOUT ≤ 120mA
12
40
mV
VDIF
Dropout Voltage
Refer to the ELECTRICAL CHARACTERISTICS by OUTPUT
VOLTAGE
ISS
Supply Current
VIN = Set VOUT+1V
90
160
µA
Istandby
Supply Current (Standby)
VIN = VCE = Set VOUT+1V
0.1
1.0
µA
∆VOUT/∆VIN
Line Regulation
Set VOUT+0.5V
≤ VIN ≤ 6V
IOUT = 30mA
(In case that VOUT
≤1.6V,
2.2V
≤ VIN ≤ 6V)
0.05
0.10
%/V
RR
Ripple Rejection
f = 1kHz, Ripple 0.5Vp-p
VIN = Set VOUT+1V,
IOUT = 30mA
(In case that VOUT
≤1.7V,
VIN -VOUT =1.2V)
75
(70)
(Note 2)
dB
VIN
Input Voltage
2.2
6.0
V
∆VOUT/∆T
Output Voltage
Temperature Coefficient
IOUT = 30mA
-40
°C ≤ Topt ≤ 85°C
±100
ppm
/
°C
Ilim
Short Current Limit
VOUT = 0V
40
mA
RPU
CE Pull-up Resistance
0.7
2.0
8.0
M
VCEH
CE Input Voltage “H”
1.5
VIN
V
VCEL
CE Input Voltage “L”
0.0
0.3
V
en
Output Noise
BW=10Hz to 100kHz
30
µVrms
RLOW
Low Output Nch Tr. ON
Resistance (of D version)
VCE=0V
60
Note 1:
±30mV Tolerance at VOUT≤2.0V
Note 2:70dB at VOUT
≥2.5V
q
ELECTRICAL CHARACTERISTICS by OUTPUT VOLTAGE
Topt = 25
°C
Dropout Voltage
VDIF (V)
Output Voltage
VOUT (V)
Condition
TYP.
MAX.
VOUT = 1.5
0.36
0.70
VOUT = 1.6
0.32
0.60
VOUT = 1.7
0.30
0.50
1.8
≤ VOUT ≤ 2.0
0.28
0.40
2.1
≤ VOUT ≤ 2.7
0.24
0.35
2.8
≤ VOUT ≤ 4.0
IOUT = 120mA
0.18
0.28


Similar Part No. - R1141Q401D-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1141Q401D-TR-FE RICOH-R1141Q401D-TR-FE Datasheet
219Kb / 16P
   120mA LDO REGULATOR
More results

Similar Description - R1141Q401D-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1140Q RICOH-R1140Q Datasheet
181Kb / 18P
   SC82 120mA LDO REGULATOR???
logo
Nisshinbo Micro Devices...
R1141Q NISSHINBO-R1141Q Datasheet
283Kb / 16P
   120mA LDO REGULATOR
logo
RICOH electronics devic...
R1141Q RICOH-R1141Q_17 Datasheet
219Kb / 16P
   120mA LDO REGULATOR
logo
EM Microelectronic - MA...
EM6156 EMMICRO-EM6156 Datasheet
492Kb / 11P
   5V 120mA Automotive LDO Regulator with Watchdog
logo
RICOH electronics devic...
R5322N RICOH-R5322N_07 Datasheet
369Kb / 25P
   120mA 2ch LDO REGULATORS
R5322N RICOH-R5322N Datasheet
213Kb / 23P
   SOT23-6W 120mA 2ch LDO REGULATORS
logo
Richtek Technology Corp...
RT9013A RICHTEK-RT9013A Datasheet
189Kb / 10P
   120mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
logo
Maxim Integrated Produc...
MAX9789AEVKIT MAXIM-MAX9789AEVKIT Datasheet
289Kb / 8P
   Integrated 120mA Low-Dropout Linear Regulator
Rev 1; 11/06
logo
Pericom Semiconductor C...
PT7M8202 PERICOM-PT7M8202 Datasheet
351Kb / 11P
   LDO Regulator
PT7M8206 PERICOM-PT7M8206 Datasheet
373Kb / 12P
   LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com