Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0353000350 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0353000350
Description  2.50mm (.098") Pitch Wire-to-Board KK짰 Header, Vertical, with Friction Ramp, TubePackaged Version of 5045, 3 Circuits, Tin (Sn) Plating
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

0353000350 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0353000350 Datasheet HTML 1Page - Molex Electronics Ltd. 0353000350 Datasheet HTML 2Page - Molex Electronics Ltd. 0353000350 Datasheet HTML 3Page - Molex Electronics Ltd. 0353000350 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0353000350
Status:
Active
Overview:
kk
Description:
2.50mm (.098") Pitch Wire-to-Board KK® Header, Vertical, with Friction Ramp, Tube
Packaged Version of 5045, 3 Circuits, Tin (Sn) Plating
Documents:
3D Model
Product Specification PS-35300-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR 19980
UL
E29179
General
Product Family
PCB Headers
Series
35300
Application
Wire-to-Board
Overview
kk
Product Name
KK®
Physical
Breakaway
No
Circuits (Loaded)
3
Circuits (maximum)
3
Durability (mating cycles max)
30
First Mate / Last Break
No
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Number of Rows
1
Orientation
Vertical
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tube
Pitch - Mating Interface (in)
0.098 In
Pitch - Mating Interface (mm)
2.50 mm
Plating min: Mating (µin)
200
Plating min: Mating (µm)
5
Plating min: Termination (µin)
200
Plating min: Termination (µm)
5
Polarized to Mating Part
No
Polarized to PCB
No
Shrouded
No
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
35300Series
Mates With
5051 Housing, 51191 Housing


Similar Part No. - 0353000350

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0353000250 MOLEX4-0353000250 Datasheet
191Kb / 4P
   2.50mm (.098") Pitch Wire-to-Board KK짰 Header, Vertical, with Friction Ramp, TubePackaged Version of 5045, 2 Circuits, Tin (Sn) Plating
0353000450 MOLEX4-0353000450 Datasheet
191Kb / 4P
   2.50mm (.098") Pitch Wire-to-Board KK짰 Header, Vertical, with Friction Ramp, TubePackaged Version of 5045, 4 Circuits, Tin (Sn) Plating
0353000452 MOLEX4-0353000452 Datasheet
200Kb / 4P
   2.50mm (.098") Pitch Wire-to-Board KK짰 Header, Vertical, with Friction Ramp, TubePackaged Version of 5045, 4 Circuits, Tin (Sn) Plating, Red
0353000550 MOLEX4-0353000550 Datasheet
191Kb / 4P
   2.50mm (.098") Pitch Wire-to-Board KK짰 Header, Vertical, with Friction Ramp, TubePackaged Version of 5045, 5 Circuits, Tin (Sn) Plating
0353000650 MOLEX4-0353000650 Datasheet
191Kb / 4P
   2.50mm (.098") Pitch Wire-to-Board KK
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com