Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1210N221A-TR Datasheet(PDF) 6 Page - RICOH electronics devices division

Part # R1210N221A-TR
Description  PWM Step-up DC/DC Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1210N221A-TR Datasheet(HTML) 6 Page - RICOH electronics devices division

Back Button R1210N221A-TR Datasheet HTML 2Page - RICOH electronics devices division R1210N221A-TR Datasheet HTML 3Page - RICOH electronics devices division R1210N221A-TR Datasheet HTML 4Page - RICOH electronics devices division R1210N221A-TR Datasheet HTML 5Page - RICOH electronics devices division R1210N221A-TR Datasheet HTML 6Page - RICOH electronics devices division R1210N221A-TR Datasheet HTML 7Page - RICOH electronics devices division R1210N221A-TR Datasheet HTML 8Page - RICOH electronics devices division R1210N221A-TR Datasheet HTML 9Page - RICOH electronics devices division R1210N221A-TR Datasheet HTML 10Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
R1210N××1×
5
Symbol
Item
Conditions
MIN.
TYP.
MAX.
Unit
70
100
µA
(××1C)
4.6V≤VSET≤5.0V
VOUT=VSET×0.96
100
130
µA
(××1D)
80
110
µA
(××1C)
5.1V≤VSET≤5.5V
VOUT=VSET×0.96
110
150
µA
(××1D)
90
120
µA
(××1C)
IDD1
Supply Current1
5.6V≤VSET≤6.0V
VOUT=VSET×0.96
130
170
µA
(××1D)
10
17
µA
(××1A/C)
IDD2
Supply Current2
VOUT=VCE=VSET+0.5V
15
24
µA
(××1D)
Istandby
Standby Current
VOUT=6V, VCE=0V
0.5
µA
ILXleak
LX Leakage Current
VOUT=VLX=8V
0.5
µA
80
100
120
KHz
(××1A/C)
fosc
Maximum Oscillator
Frequency
VOUT=VCE=VSET×0.96
144
180
216
KHz
(××1D)
0.5
kHz/°C
(××1A/C)
∆fosc/
∆Topt
Oscillator Frequency
Temperature Coefficient
-40°C≤ Topt ≤ 85°C
0.6
kHz/°C
(××1D)
Maxdty
Oscillator Maximum Duty
Cycle
VOUT=VCE=VSET×0.96,
(VLX “L” Side)
70
85
97
%
VLXlim
VLX Limit Voltage
VOUT=VCE=VSET×0.96,
(VLX “L” Side)
0.4
0.6
0.8
V
VCEH
CE “H” Input Voltage
VOUT=VSET×0.96
0.9
V
VCEL
CE “L” Input Voltage
VOUT=VSET×0.96
0.3
V
ICEH
CE “H” Input Current
VOUT=VCE=6.5V
-0.1
0
0.1
µA
ICEL
CE “L” Input Current
VIN=6.5V, VCE=0V
-0.1
0
0.1
µA


Similar Part No. - R1210N221A-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1210N221A RICOH-R1210N221A Datasheet
28Kb / 1P
   POWER MANAGEMENT ICs MARK INFORMATIONS R1210N SERIES MARK SPECIFICATION
More results

Similar Description - R1210N221A-TR

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM2421 DIODES-PAM2421 Datasheet
561Kb / 10P
   PWM STEP-UP DC-DC CONVERTER
logo
Advanced Power Electron...
APE1911 A-POWER-APE1911 Datasheet
330Kb / 9P
   STEP-UP PWM DC/DC Converter
logo
Anpec Electronics Corop...
APW7077 ANPEC-APW7077 Datasheet
454Kb / 21P
   PWM Step-Up DC-DC Converter
logo
RICOH electronics devic...
RH5RH301A RICOH-RH5RH301A Datasheet
199Kb / 29P
   PWM STEP-UP DC/DC CONVERTER
logo
Advanced Power Electron...
APE1912 A-POWER-APE1912 Datasheet
83Kb / 7P
   STEP-UP PWM DC/DC CONVERTER
logo
SHOUDING Shouding Semic...
SDB842X SHOUDING-SDB842X Datasheet
1Mb / 7P
   PWM Step-Up DC-DC Converter
logo
Maxim Integrated Produc...
MAX618 MAXIM-MAX618 Datasheet
204Kb / 14P
   28V, PWM, Step-Up DC-DC Converter
Rev 0; 6/99
logo
ELM Technology Corporat...
ELM95-SERIES ELM-TECH-ELM95-SERIES Datasheet
1Mb / 15P
   CMOS PWM step-up DC/DC converter
logo
Unisonic Technologies
UC3551 UTC-UC3551 Datasheet
160Kb / 6P
   ADVANCED PWM STEP-UP DC-DC CONVERTER
logo
Microchip Technology
TC115 MICROCHIP-TC115_13 Datasheet
232Kb / 14P
   PFM/PWM Step-Up DC/DC Converter
10/26/12 2002-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com