Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1280D002A-TR Datasheet(PDF) 9 Page - RICOH electronics devices division

Part # R1280D002A-TR
Description  2CH PWM DC/DC Controller?
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1280D002A-TR Datasheet(HTML) 9 Page - RICOH electronics devices division

Back Button R1280D002A-TR Datasheet HTML 5Page - RICOH electronics devices division R1280D002A-TR Datasheet HTML 6Page - RICOH electronics devices division R1280D002A-TR Datasheet HTML 7Page - RICOH electronics devices division R1280D002A-TR Datasheet HTML 8Page - RICOH electronics devices division R1280D002A-TR Datasheet HTML 9Page - RICOH electronics devices division R1280D002A-TR Datasheet HTML 10Page - RICOH electronics devices division R1280D002A-TR Datasheet HTML 11Page - RICOH electronics devices division R1280D002A-TR Datasheet HTML 12Page - RICOH electronics devices division R1280D002A-TR Datasheet HTML 13Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Rev. 1.10
- 9 -
Tf
POFF=
∫VIN×(VOUT-VIN)×t/L dt
Formula 2
0
In this formula, Tf means the time of which the energy saved in the inductance is being emitted. Thus average
electric power, PAV is described as in the next formula.
TON
Tf
PAV=1/(Ton+Toff)
×{∫VIN
2×t/L dt + ∫VIN×(VOUT-VIN)×t/L dt} Formula 3
0
0
In PWM control, when Tf=Toff is true, the inductor current becomes continuos, then the operation of switching
regulator becomes continuous mode.
In the continuous mode, the deviation of the current is equal between on time and off time.
VIN
×Ton/L=(VOUT-VIN)×Toff/L
Formula 4
Further, the electric power, PAV is equal to output electric power, VOUT
×IOUT, thus,
IOUT = fOSC
× VIN
2×TON2/{2×L ×(VOUT-VIN)}=VIN2×TON/(2×L×VOUT)Formula 5
When IOUT becomes more than formula 5, the current flows through the inductor, then the mode becomes
continuous. The continuous current through the inductor is described as Iconst, then,
IOUT = fOSC
×VIN
2×tON2/(2×L×(VOUT-VIN))+VIN×Iconst/VOUT
Formula 6
In this moment, the peak current, ILxmax flowing through the inductor and the driver Tr. is described as follows:
ILxmax = Iconst +VIN
×Ton/L
Formula 7
With the formula 4,6, and ILxmax is,
ILxmax = VOUT/VIN
×IOUT+VIN×Ton/(2×L)
Formula 8
Therefore, peak current is more than IOUT. Considering the value of ILxmax, the condition of input and output, and
external components should be selected.
In the formula 7, peak current ILxmax at discontinuous mode can be calculated. Put Iconst=0 in the formula.
The explanation above is based on the ideal calculation, and the loss caused by Lx switch and external components
is not included. The actual maximum output current is between 50% and 80% of the calculation. Especially, when the
ILx is large, or VIN is low, the loss of VIN is generated with the on resistance of the switch. As for VOUT, Vf (as much as
0.3V) of the diode should be considered.
s Operation of Inverting DC/DC converter and Output Current
Inverting DC/DC converter saves energy during on time of Lx transistor, and supplies the energy to output during off
time, output voltage opposed to input voltage is obtained.
Lx Tr
Inductor
Diode
CL
VIN
VOUT
IOUT
GND
i1
i2


Similar Part No. - R1280D002A-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1280D002A RICOH-R1280D002A Datasheet
329Kb / 18P
   2CH PWM DC/DC CONTROLLER
More results

Similar Description - R1280D002A-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1282D002A RICOH-R1282D002A Datasheet
329Kb / 18P
   2CH PWM DC/DC CONTROLLER
logo
Torex Semiconductor
XC9503 TOREX-XC9503 Datasheet
398Kb / 30P
   2ch Step-down DC/DC Controller ICs
XC9501 TOREX-XC9501 Datasheet
381Kb / 24P
   2ch. Step-up DC/DC Controller ICs.
logo
Fitipower Integrated Te...
FP6791C FITIPOWER-FP6791C Datasheet
688Kb / 13P
   PWM Boost DC-DC Controller
logo
Torex Semiconductor
XC9504 TOREX-XC9504 Datasheet
722Kb / 50P
   2ch. Step-up / Inverting DC/DC Controller ICs
logo
Cypress Semiconductor
S6AP111A28 CYPRESS-S6AP111A28 Datasheet
1Mb / 51P
   2ch DC/DC Converter IC with PWM Synchronous Rectification
logo
ON Semiconductor
LV5044V ONSEMI-LV5044V Datasheet
238Kb / 7P
   2ch step-down circuit DC-DC Converter Controller
August, 2013
logo
Torex Semiconductor
XC9505 TOREX-XC9505 Datasheet
705Kb / 47P
   2ch. Step-Down / Inverting DC/DC Controller ICs
XC9502 TOREX-XC9502_1 Datasheet
2Mb / 43P
   2ch. Step-up / down DC/DC Controller ICs
XC9502 TOREX-XC9502 Datasheet
631Kb / 40P
   2ch. Step-up / down DC/DC Controller ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com