Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1210N302D-TR Datasheet(PDF) 7 Page - RICOH electronics devices division

Part # R1210N302D-TR
Description  SOT23-5 PWM Step-up DC/DC Converter?
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1210N302D-TR Datasheet(HTML) 7 Page - RICOH electronics devices division

Back Button R1210N302D-TR Datasheet HTML 3Page - RICOH electronics devices division R1210N302D-TR Datasheet HTML 4Page - RICOH electronics devices division R1210N302D-TR Datasheet HTML 5Page - RICOH electronics devices division R1210N302D-TR Datasheet HTML 6Page - RICOH electronics devices division R1210N302D-TR Datasheet HTML 7Page - RICOH electronics devices division R1210N302D-TR Datasheet HTML 8Page - RICOH electronics devices division R1210N302D-TR Datasheet HTML 9Page - RICOH electronics devices division R1210N302D-TR Datasheet HTML 10Page - RICOH electronics devices division R1210N302D-TR Datasheet HTML 11Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
R1210N××2×
6
Symbol
Item
Conditions
MIN.
TYP.
MAX.
Unit
318
N+]2°&
+[[5&,
∆IRVF2∆7
2VFLOODWRU#)UHTXHQF\#7HP0
SHUDWXUH#&RHIILFLHQW
073°&≤#7RSW#≤#;8°&
319
N+]2°&
+[[5',
0D[GW\
2VFLOODWRU#0D[LPXP#'XW\
&\FOH
9287 9&( 96(7×31<9/
+9(;7=#´+µ#VLGH,
:3
;8
<:
(
5159#≤#96(7#≤#5189/#9(;7 3179
413
P$
5199#≤#96(7#≤#6139/#9(;7 3179
513
6149#≤#96(7#≤#6189/#9(;7 3179
518
6199#≤#96(7#≤#7139/#9(;7 3179
613
7149#≤#96(7#≤#7189/#9(;7 3179
618
7199#≤#96(7#≤#8139/#9(;7 3179
713
8149#≤#96(7#≤#8189/#9(;7 3179
718
,(;7/
(;7#´/µ#2XWSXW#&XUUHQW
8199#≤#96(7#≤#9139/#9(;7 3179
813
9&(+
#&(#´+µ#,QSXW#9ROWDJH
9287 96(7×31<9
31<
9
9&(/
#&(#´/µ#,QSXW#9ROWDJH
9287 96(7×31<9
316
9
,&(+
#&(#´+µ#,QSXW#&XUUHQW
9287 9&( 9189
0314
3
314
µ$
,&(/
#&(#´/µ#,QSXW#&XUUHQW
9287 9189/#9&( 39
0314
3
314
µ$
*Note: VSET means setting Output Voltage.


Similar Part No. - R1210N302D-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1210N302D RICOH-R1210N302D Datasheet
28Kb / 1P
   POWER MANAGEMENT ICs MARK INFORMATIONS R1210N SERIES MARK SPECIFICATION
More results

Similar Description - R1210N302D-TR

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM2421 DIODES-PAM2421 Datasheet
561Kb / 10P
   PWM STEP-UP DC-DC CONVERTER
logo
Advanced Power Electron...
APE1911 A-POWER-APE1911 Datasheet
330Kb / 9P
   STEP-UP PWM DC/DC Converter
logo
Anpec Electronics Corop...
APW7077 ANPEC-APW7077 Datasheet
454Kb / 21P
   PWM Step-Up DC-DC Converter
logo
RICOH electronics devic...
R1210N301C RICOH-R1210N301C Datasheet
179Kb / 18P
   PWM Step-up DC/DC Converter
RH5RH301A RICOH-RH5RH301A Datasheet
199Kb / 29P
   PWM STEP-UP DC/DC CONVERTER
logo
Advanced Power Electron...
APE1912 A-POWER-APE1912 Datasheet
83Kb / 7P
   STEP-UP PWM DC/DC CONVERTER
logo
SHOUDING Shouding Semic...
SDB842X SHOUDING-SDB842X Datasheet
1Mb / 7P
   PWM Step-Up DC-DC Converter
logo
Maxim Integrated Produc...
MAX618 MAXIM-MAX618 Datasheet
204Kb / 14P
   28V, PWM, Step-Up DC-DC Converter
Rev 0; 6/99
logo
ELM Technology Corporat...
ELM95-SERIES ELM-TECH-ELM95-SERIES Datasheet
1Mb / 15P
   CMOS PWM step-up DC/DC converter
logo
Unisonic Technologies
UC3551 UTC-UC3551 Datasheet
160Kb / 6P
   ADVANCED PWM STEP-UP DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com