Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

353170220 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 353170220
Description  4.20mm (.165") Pitch Mini-Fit짰 Header, Dual Row, Vertical, 2 Circuits, PA Polyamide(Nylon) 6/6 94V-2, White
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

353170220 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  353170220 Datasheet HTML 1Page - Molex Electronics Ltd. 353170220 Datasheet HTML 2Page - Molex Electronics Ltd. 353170220 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0353170220
Status:
Active
Overview:
minifit_jr
Description:
4.20mm (.165") Pitch Mini-Fit® Header, Dual Row, Vertical, 2 Circuits, PA Polyamide
(Nylon) 6/6 94V-2, White
Documents:
3D Model
Product Specification PS-35317-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
35317
Application
Wire-to-Board
Comments
Current = 13A max. per circuit when header is mated
to a receptacle loaded with 45750 Mini-Fit Plus HCS™
Crimp Terminal Crimpted to to 16 AWG wire. . See
Molex product specification PS-45750-001 for additional
current de-rating information.
Overview
minifit_jr
Product Name
Mini-Fit®
Physical
Breakaway
No
Circuits (Loaded)
2
Circuits (maximum)
2
Color - Resin
Natural
Durability (mating cycles max)
30
First Mate / Last Break
No
Flammability
94V-2
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Nylon
Number of Rows
2
Orientation
Vertical
PC Tail Length (in)
0.138 In
PC Tail Length (mm)
3.50 mm
PCB Locator
Yes
PCB Retention
None
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Bag
Pitch - Mating Interface (in)
0.165 In
Pitch - Mating Interface (mm)
4.20 mm
Polarized to PCB
No
Shrouded
Partial
Stackable
No
Surface Mount Compatible (SMC)
No
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
35317Series
Mates With
5557 Mini-Fit Jr.™ Receptacle Housing


Similar Part No. - 353170220

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
353170221 MOLEX4-353170221 Datasheet
86Kb / 3P
   4.20mm (.165") Pitch Mini-Fit짰 Header, Dual Row, Vertical, 2 Circuits, PA Polyamide(Nylon) 6/6 94V-2, Black
353170222 MOLEX4-353170222 Datasheet
86Kb / 3P
   4.20mm (.165") Pitch Mini-Fit짰 Header
353170223 MOLEX4-353170223 Datasheet
86Kb / 3P
   4.20mm (.165") Pitch Mini-Fit짰 Header, Dual Row, Vertical, 2 Circuits, PA Polyamide(Nylon) 6/6 94V-2, Yellow
353170224 MOLEX4-353170224 Datasheet
86Kb / 3P
   4.20mm (.165") Pitch Mini-Fit짰 Header, Dual Row, Vertical, 2 Circuits, PA Polyamide(Nylon) 6/6 94V-2, Blue
353170226 MOLEX4-353170226 Datasheet
86Kb / 3P
   4.20mm (.165") Pitch Mini-Fit짰 Header, Dual Row, Vertical, 2 Circuits, PA Polyamide(Nylon) 6/6 94V-2, Green
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com