Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0190030060 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0190030060
Description  InsulKrimp??Quick Disconnect, Female, for 14-16 (2.00-1.30), Continuous MoldedStrip, Tab 4.75mm (.187") x 0.81mm (
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

0190030060 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0190030060 Datasheet HTML 1Page - Molex Electronics Ltd. 0190030060 Datasheet HTML 2Page - Molex Electronics Ltd. 0190030060 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
This document was generated on 04/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0190030060

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0190030061 MOLEX4-0190030061 Datasheet
176Kb / 3P
   InsulKrimp??Quick Disconnect
0190030062 MOLEX4-0190030062 Datasheet
223Kb / 3P
   InsulKrimp??Quick Disconnect
0190030063 MOLEX4-0190030063 Datasheet
223Kb / 3P
   InsulKrimp??Quick Disconnect, Female, for 14-16 (2.00-1.30), Box, Tab 5.21mm(.205") x 0.81mm (.032")
0190030064 MOLEX4-0190030064 Datasheet
222Kb / 2P
   InsulKrimp??Quick Disconnect, Female, for 24-26 (0.20-0.12), Box, Tab 4.75mm(.187") x 0.51mm (.020")
0190030067 MOLEX4-0190030067 Datasheet
223Kb / 3P
   InsulKrimp??Quick Disconnect, Female, for 24-26 (0.20-0.12), Mylar Tape, Tab4.75mm (.187") x 0.51mm (.020")
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com