Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BB-1132 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # BB-1132
Description  Krimptite??Quick Disconnect, Female, for 14-16 (2.00-1.30) Wire, Box, Tab 2.79mm(.110") x 0.51mm (.020")
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

BB-1132 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  BB-1132 Datasheet HTML 1Page - Molex Electronics Ltd. BB-1132 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - BB-1132

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
BB-1132T MOLEX4-BB-1132T Datasheet
94Kb / 2P
   Krimptite??Quick Disconnect, Female, for 14-16 (2.00-1.30) Wire, Mylar Tape, Tab2.79mm (.110") x 0.51mm (.020"||" "368291
MX150L??10 Circuit Rear Mount Flange Plug for 14-1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com