Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1112N301A-TR Datasheet(PDF) 5 Page - RICOH electronics devices division

Part # R1112N301A-TR
Description  LOW NOISE 150mA LDO REGULATOR???
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1112N301A-TR Datasheet(HTML) 5 Page - RICOH electronics devices division

  R1112N301A-TR Datasheet HTML 1Page - RICOH electronics devices division R1112N301A-TR Datasheet HTML 2Page - RICOH electronics devices division R1112N301A-TR Datasheet HTML 3Page - RICOH electronics devices division R1112N301A-TR Datasheet HTML 4Page - RICOH electronics devices division R1112N301A-TR Datasheet HTML 5Page - RICOH electronics devices division R1112N301A-TR Datasheet HTML 6Page - RICOH electronics devices division R1112N301A-TR Datasheet HTML 7Page - RICOH electronics devices division R1112N301A-TR Datasheet HTML 8Page - RICOH electronics devices division R1112N301A-TR Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
R1112N
4
ABSOLUTE MAXIMUM RATINGS
Symbol
Item
Rating
Unit
9,1
,QSXW#9ROWDJH
:13
9
9&(
,QSXW#9ROWDJH+ &( #RU#&(#3LQ,
0316#a#9,1.316
9
9287
2XWSXW#9ROWDJH
0316#a#9,1.316
9
,287
2XWSXW#&XUUHQW
533
P$
3'
3RZHU#'LVVLSDWLRQ
583
P:
7RSW
2SHUDWLQJ#7HPSHUDWXUH#5DQJH
073#a#;8
°&
7VWJ
6WRUDJH#7HPSHUDWXUH#5DQJH
088#a#458
°&
ELECTRICAL CHARACTERISTICS
• R1112NXX1A
7RSW 58°&
Symbol
Item
Conditions
MIN.
TYP.
MAX.
Unit
9287
2XWSXW#9ROWDJH
9,1# #6HW#9287.49
4P$#≤#,287#≤#63P$
9287
×31<;
9287
×4135
9
,287
2XWSXW#&XUUHQW
9,1#0#9287# #4139
483
P$
∆92872∆,287 /RDG#5HJXODWLRQ
9,1# #6HW#9287.49
4P$#≤#,287#≤#;3P$
45
73
P9
9',)
'URSRXW#9ROWDJH
5HIHU#WR#WKH#(/(&75,&$/#&+$5$&7(5,67,&6#E\#287387
92/7$*(
,66
6XSSO\#&XUUHQW
9,1# #6HW#9287.49
433
4:3
µ$
,VWDQGE\
6XSSO\#&XUUHQW#+6WDQGE\,
9,1# #9&(# #6HW#9287.49
314
413
µ$
∆92872∆9,1 /LQH#5HJXODWLRQ
6HW#9287.3189#≤#9,1#≤#;9
,287# #63P$
3138
3153
(29
55
5LSSOH#5HMHFWLRQ
I# #4N+]/#5LSSOH#3189S0S
9,1# #6HW#9287.49
;3
G%
9,1
,QSXW#9ROWDJH
513
913
9
∆92872∆7
2XWSXW#9ROWDJH
7HPSHUDWXUH#&RHIILFLHQW
,287# #63P$
073°&#≤#7RSW#≤#;8°&
“433
SSP
2°&
,OLP
6KRUW#&XUUHQW#/LPLW
9287# #39
63
P$
538
&( #3XOO0XS#5HVLVWDQFH
518
8
43
0Ω
9&(+
&( #,QSXW#9ROWDJH#´+µ
418
9,1
9
9&(/
&( #,QSXW#9ROWDJH#´/µ
3
3158
9
HQ
2XWSXW#1RLVH
%: 43+]#WR#433N+]
63
µ9UPV


Similar Part No. - R1112N301A-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1112N RICOH-R1112N Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
More results

Similar Description - R1112N301A-TR

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
   LOW NOISE 150mA LDO REGULATOR
RP130X RICOH-RP130X Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
logo
E-Tech Electronics LTD
L1131A ETL-L1131A Datasheet
187Kb / 5P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1113Z RICOH-R1113Z Datasheet
395Kb / 20P
   LOW NOISE 150mA LDO REGULATOR???
RP112K121B RICOH-RP112K121B_17 Datasheet
888Kb / 32P
   Low Noise 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com