Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1113Z401A-TR Datasheet(PDF) 1 Page - RICOH electronics devices division

Part # R1113Z401A-TR
Description  LOW NOISE 150mA LDO REGULATOR???
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1113Z401A-TR Datasheet(HTML) 1 Page - RICOH electronics devices division

  R1113Z401A-TR Datasheet HTML 1Page - RICOH electronics devices division R1113Z401A-TR Datasheet HTML 2Page - RICOH electronics devices division R1113Z401A-TR Datasheet HTML 3Page - RICOH electronics devices division R1113Z401A-TR Datasheet HTML 4Page - RICOH electronics devices division R1113Z401A-TR Datasheet HTML 5Page - RICOH electronics devices division R1113Z401A-TR Datasheet HTML 6Page - RICOH electronics devices division R1113Z401A-TR Datasheet HTML 7Page - RICOH electronics devices division R1113Z401A-TR Datasheet HTML 8Page - RICOH electronics devices division R1113Z401A-TR Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
'2001.8.27
LOW NOISE 150mA LDO REGULATOR
R1113Z SERIES
Rev. 1.11
- 1 -
s OUTLINE
The R1113Z Series are CMOS-based voltage regulator ICs with high output voltage accuracy, extremely low supply current,
low ON-resistance, and high ripple rejection. Each of these ICs consists of a voltage reference unit, an error amplifier, resistors,
a current limit circuit, and a chip enable circuit.
These ICs perform with low dropout voltage and a chip enable function. The line transient response and load transient
response of the R1113Z Series are excellent, thus these ICs are very suitable for the power supply for hand-held
communication equipment.
The output voltage of these ICs is fixed with high accuracy. Since the package for these ICs is WL-CSP (Wafer Level CSP),
high density mounting of the ICs on boards is possible.
s FEATURES
Ultra-Low Supply Current......................................... Typ. 100
µA
Standby Mode ........................................................... Typ. 0.1
µA
Low Dropout Voltage ................................................ Typ. 0.23V(IOUT=100mA 3.0V Output type)
High Ripple Rejection ............................................... Typ. 80dB(f=1kHz 3.0V Output type)
Low Temperature-Drift Coefficient of Output Voltage Typ. ±100ppm/
°C
Excellent Line Regulation ......................................... Typ. 0.05%/V
High Output Voltage Accuracy.................................. ±2.0%
Excellent Dynamic Response
Small Package ..........................................................WL-CSP(Wafer Level CSP)
Output Voltage...........................................................Stepwise setting with a step of 0.1V in the range of 2.0V to 5.0V is
possible
Built-in Chip Enable Circuit ( 2 types; A: active low , B: active high)
Built-in Fold Back Protection Circuit........................Typ. 30mA (Current at short mode)
Ceramic capacitors are recommended to be used with this IC
s APPLICATIONS
Power source for cellular phones such as GSM, CDMA and various kinds of PCS.
Power source for electrical appliances such as cameras, VCRs and camcorders.
Power source for battery-powered equipment.


Similar Part No. - R1113Z401A-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1113Z401A-TR RICOH-R1113Z401A-TR Datasheet
167Kb / 18P
   LOW NOISE 150mA LDO REGULATOR
More results

Similar Description - R1113Z401A-TR

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
   LOW NOISE 150mA LDO REGULATOR
RP130X RICOH-RP130X Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
logo
E-Tech Electronics LTD
L1131A ETL-L1131A Datasheet
187Kb / 5P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
RP112K121B RICOH-RP112K121B_17 Datasheet
888Kb / 32P
   Low Noise 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com