Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BB-2707-06XT Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # BB-2707-06XT
Description  InsulKrimp??Snap Spade for 16-14 AWG Wire, Stud Size 6, Mylar Tape Carrier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

BB-2707-06XT Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  BB-2707-06XT Datasheet HTML 1Page - Molex Electronics Ltd. BB-2707-06XT Datasheet HTML 2Page - Molex Electronics Ltd. BB-2707-06XT Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image


Similar Part No. - BB-2707-06XT

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
BB-2707-06X MOLEX4-BB-2707-06X Datasheet
70Kb / 3P
   InsulKrimp??Snap Spade Terminal for 14-16 AWG Wire
More results

Similar Description - BB-2707-06XT

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0190990026 MOLEX4-0190990026 Datasheet
70Kb / 3P
   InsulKrimp??Snap Spade for 16-14 AWG Wire, Stud Size 05, Mylar Tape Carrier
0190990051 MOLEX4-0190990051 Datasheet
65Kb / 3P
   InsulKrimp??Snap Spade for 10-12 AWG Wire, Stud Size 10, Mylar Tape Carrier
0190990014 MOLEX4-0190990014 Datasheet
63Kb / 3P
   InsulKrimp??Snap Spade for 18-22 AWG Wire, Stud Size 8, Mylar Tape Carrier
0190990016 MOLEX4-0190990016 Datasheet
63Kb / 3P
   InsulKrimp??Snap Spade for 18-22 AWG Wire, Stud Size 10, Mylar Tape Carrier
0190990035 MOLEX4-0190990035 Datasheet
63Kb / 3P
   InsulKrimp??Snap Spade for 16-14 AWG Wire, Stud Size 10, Mylar Tape CarrierLength 23.34mm (.919")
0190980019 MOLEX4-0190980019 Datasheet
94Kb / 2P
   Krimptite??Snap Spade Tap for 18-22 AWG Wire, Stud Size 5-6, Mylar Tape Carrier
0334820801 MOLEX4-0334820801 Datasheet
384Kb / 2P
   Krimptite??Snap Spade Tap for 18-22 AWG Wire, Stud Size 5-6, Mylar Tape Carrier
0190710184 MOLEX4-0190710184 Datasheet
171Kb / 3P
   InsulKrimp??Ring Tongue Terminal for 8 AWG Wire, Stud Size 14, Mylar Tape Carrier
0191210010 MOLEX4-0191210010 Datasheet
129Kb / 3P
   InsulKrimp??Flanged Spade Tongue Terminal for 18-22 AWG Wire, Stud Size 10,Mylar Tape Carrier
0192120006 MOLEX4-0192120006 Datasheet
101Kb / 2P
   InsulKrimp??Wire Pin Terminal for 16-14 AWG Wire, Mylar Tape Carrier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com