Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

190080004 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 190080004
Description  Flag Krimptite??Quick Disconnect, Female, for 18-22 (0.80-0.35) Wire, Mylar TapeTab 4.75mm (.187") x 0.51mm (.020
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

190080004 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  190080004 Datasheet HTML 1Page - Molex Electronics Ltd. 190080004 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0190080004
Status:
Active
Description:
Flag Krimptite™ Quick Disconnect, Female, for 18-22 (0.80-0.35) Wire, Mylar Tape,
Tab 4.75mm (.187") x 0.51mm (.020
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR18689
UL
E79133
General
Product Family
Quick Disconnects
Series
19008
Crimp Quality Equipment
Yes
Product Name
Krimptite™
Type
Quick Disconnect
Physical
Barrel Type
Closed
Gender
Female
Glow-Wire Compliant
No
Insulation
None
Lock to Mating Part
None
Material - Metal
Brass
Orientation
Flag
Packaging Type
Adhesive Tape on Reel
Polarized to Mating Part
No
Tab Thickness
0.51mm (.020")
Tab Width
4.75mm (.187")
Temperature Range - Operating
Per Wire Specification
Wire Size AWG
18, 20, 22
Wire Size mm²
0.35 - 0.80
Electrical
Voltage - Maximum
Per Wire Specification
Material Info
Old Part Number
AA-1147T
Reference - Drawing Numbers
Sales Drawing
SD-19008-013
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19008Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
ATP Perishable
Tool Kit used in ATP
presses that process
product on tape
0190270052
This document was generated on 04/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 190080004

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
190080001 MOLEX4-190080001 Datasheet
111Kb / 2P
   Flag Krimptite??Quick Disconnect, Female, for 18-22 (0.80-0.35) Wire, Box, Tab4.75mm (.187") x 0.51mm (.020")
190080006 MOLEX4-190080006 Datasheet
109Kb / 2P
   Flag Krimptite??Quick Disconnect, Female, for 18-22 (0.80-0.35) Wire, Box, Tab6.35mm (.250") x 0.81mm (.032")
190080007 MOLEX4-190080007 Datasheet
109Kb / 2P
   Flag Krimptite??Quick Disconnect, Female, for 18-22 (0.80-0.35) Wire, Mylar Tape,Tab 6.35mm (.250") x 0.81mm (.032
190080008 MOLEX4-190080008 Datasheet
110Kb / 3P
   Flag Krimptite??Quick Disconnect, Female, for 18-22 (0.80-0.35) Wire, Metal StripTab 4.75mm (.187
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com