Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0351500200 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0351500200
Description  6.20mm (.244") Pitch Wire-to-Wire VersaBlade??Hybrid Plug Housing, withoutMounting Ears, 2 Circuits, Polyester UL94V-0, Natural
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

0351500200 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0351500200 Datasheet HTML 1Page - Molex Electronics Ltd. 0351500200 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/03/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0351500200
Status:
Active
Overview:
versablade
Description:
6.20mm (.244") Pitch Wire-to-Wire VersaBlade™ Hybrid Plug Housing, without
Mounting Ears, 2 Circuits, Polyester UL94V-0, Natural
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
Agency Certification
CSA
LR19980
TUV
R72090206
UL
E29179
General
Product Family
Crimp Housings
Series
35150
Comments
Polarized to Mating Part, Positive Lock
Overview
versablade
Product Name
VersaBlade™
Physical
Circuits (maximum)
2
Color - Resin
Natural
Flammability
94V-0
Gender
Male
Glow-Wire Compliant
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Resin
Polyester
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.244 In
Pitch - Mating Interface (mm)
6.20 mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-30°C to +105°C
Material Info
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
35150Series
Mates With
35151-021* Receptacle Housing
Use With
357450*10 VersaBlade™ Crimp Terminals
This document was generated on 06/03/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0351500200

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0351500204 MOLEX4-0351500204 Datasheet
98Kb / 2P
   6.20mm (.244") Pitch Wire-to-Wire VersaBlade??Hybrid Plug Housing, withoutMounting Ears, 2 Circuits, Polyester UL94V-0, Blue
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com