Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C-103 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # C-103
Description  Krimptite??Parallel Splice for 10-12 AWG Wire
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

C-103 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  C-103 Datasheet HTML 1Page - Molex Electronics Ltd. C-103 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 03/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0192080002
Status:
Active
Description:
Krimptite™ Parallel Splice for 10-12 AWG Wire
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR18689
UL
E32244
General
Product Family
Splices
Series
19208
Crimp Quality Equipment
Yes
Mil-Spec
N/A
Product Name
Krimptite™, Parallel
Physical
Barrel Type
Closed
Insulation
None
Material - Metal
Copper
Packaging Type
Bag
Wire Size AWG
10, 12
Material Info
Old Part Number
C-103
Reference - Drawing Numbers
Sales Drawing
SD-19208-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19208Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Hand Crimp Tool
0640030100
Crimp Head for the
AT-200™ Pneumatic
Hand Tool
0640070100
This document was generated on 03/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - C-103

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C-103-PM ETC2-C-103-PM Datasheet
87Kb / 1P
   8 and 11 Pin Octal Sockets, DIN Rail Mountable
C-103-PM ETC2-C-103-PM Datasheet
79Kb / 1P
   8 and 11 Pin Square Base Sockets, DIN Rail Mountable
More results

Similar Description - C-103

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0191890017 MOLEX4-0191890017 Datasheet
96Kb / 2P
   Krimptite??Butt Splice for 10-12 AWG Wire
0191890015 MOLEX4-0191890015 Datasheet
96Kb / 2P
   Krimptite??Butt Splice for 10-12 AWG Wire
0192070005 MOLEX4-0192070005 Datasheet
71Kb / 3P
   NylaKrimp??Parallel Splice for 10-12 AWG Wire
0192060008 MOLEX4-0192060008 Datasheet
76Kb / 2P
   InsulKrimp??Parallel Splice for 10-12 AWG Wire
0192050003 MOLEX4-0192050003 Datasheet
100Kb / 2P
   VersaKrimp??Parallel Splice for 10-12 AWG Wire
logo
TE Connectivity Ltd
ENG_CD_34138_P7 TEC-ENG_CD_34138_P7 Datasheet
83Kb / 1P
   SPLICE, PARALLEL, SOLISTRAND 12-10 AWG
4-14-93
logo
Molex Electronics Ltd.
0192110001 MOLEX4-0192110001 Datasheet
104Kb / 2P
   Krimptite??Wire Pin Terminal for 12-10 AWG Wire
0191540037 MOLEX4-0191540037 Datasheet
63Kb / 2P
   InsulKrimp??Butt Splice for 10-12 AWG Wire
0191990011 MOLEX4-0191990011 Datasheet
115Kb / 2P
   Butt - Window Splice for 10-12 AWG Wire
0191540028 MOLEX4-0191540028 Datasheet
90Kb / 2P
   InsulKrimp??Butt Splice for 10-12 AWG Wire
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com