Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

35021-1001 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 35021-1001
Description  Board-In Right Angle Crimp Terminal 35021, Reel, Brass Tin (Sn)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

35021-1001 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  35021-1001 Datasheet HTML 1Page - Molex Electronics Ltd. 35021-1001 Datasheet HTML 2Page - Molex Electronics Ltd. 35021-1001 Datasheet HTML 3Page - Molex Electronics Ltd. 35021-1001 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image


Similar Part No. - 35021-1001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
35021-1160 MOLEX4-35021-1160 Datasheet
129Kb / 2P
   2.00mm (.079") Board-In Terminal for 22-30 AWG, Right Angle, Phosphor Bronze,Lead-free, Post-Tin Plating
35021-1201 MOLEX4-35021-1201 Datasheet
330Kb / 3P
   Board-In Right Angle Crimp Terminal
35021-1301 MOLEX4-35021-1301 Datasheet
330Kb / 3P
   2.00/2.50mm (.079/.098") Board-In Terminal, Right Angle , Phosphor Bronze, Pre-Plated
35021-1360 MOLEX4-35021-1360 Datasheet
128Kb / 2P
   2.00mm (.079") Board-In Terminal for 24-30 AWG, Right Angle, Phosphor BronzeLead-free, Post-Tin Plating
More results

Similar Description - 35021-1001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0351009002 MOLEX4-0351009002 Datasheet
74Kb / 2P
   Crimp Terminal 35100, Reel, Tin (Sn) Brass Tin (Sn)
0350699002 MOLEX4-0350699002 Datasheet
51Kb / 2P
   Crimp Terminal 35069, Female, 18 AWG, Brass, Tin (Sn) Plating, Reel
0008500008 MOLEX1-0008500008 Datasheet
144Kb / 2P
   KK짰 Crimp Terminal 8818, 18-22 AWG, Reel, Brass Tin (Sn)
0350211201 MOLEX4-0350211201 Datasheet
330Kb / 3P
   Board-In Right Angle Crimp Terminal
0002082003 MOLEX1-0002082003_18 Datasheet
30Kb / 1P
   MLX Male Crimp Terminal 42023, 14-20 AWG, Reel, Brass, Tin (Sn) Plating
0002081001 MOLEX1-0002081001_18 Datasheet
31Kb / 1P
   MLX Female Crimp Terminal 42024, 14-20 AWG, Reel, Brass, Tin (Sn) Plating
0002081101 MOLEX1-0002081101 Datasheet
173Kb / 3P
   Claspcon??Crimp Terminal Socket, Tin (Sn) Plated Brass Contact, 16-24 AWG, Reel
0945291201 MOLEX11-0945291201 Datasheet
74Kb / 2P
   Fork Type for PCB Edge Mating, Vertical Crimp Terminal, Reel, Tin (Sn) Brass
0002081103 MOLEX1-0002081103 Datasheet
172Kb / 3P
   Claspcon??Crimp Terminal Socket, Tin (Sn) Plated Brass Contact, 24-30 AWG, Reel
0039000081 MOLEX3-0039000081 Datasheet
193Kb / 4P
   4.20mm (.165") Pitch Mini-Fit Crimp Terminal, Male, 16 AWG, Reel, Brass, Tin (Sn)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com