Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE43 Datasheet(PDF) 3 Page - Jinan Gude Electronic Device

Part # P6KE43
Description  TRANSIENT VOLTAGE SUPPRESSORS DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JGD [Jinan Gude Electronic Device]
Direct Link  http://www.jgd.com.cn
Logo JGD - Jinan Gude Electronic Device

P6KE43 Datasheet(HTML) 3 Page - Jinan Gude Electronic Device

  P6KE43 Datasheet HTML 1Page - Jinan Gude Electronic Device P6KE43 Datasheet HTML 2Page - Jinan Gude Electronic Device P6KE43 Datasheet HTML 3Page - Jinan Gude Electronic Device P6KE43 Datasheet HTML 4Page - Jinan Gude Electronic Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image


Similar Part No. - P6KE43

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
P6KE43 TSC-P6KE43 Datasheet
672Kb / 4P
   600 Watts Transient Voltage Suppressor
logo
Pan Jit International I...
P6KE43 PANJIT-P6KE43 Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
Yea Shin Technology Co....
P6KE43 YEASHIN-P6KE43 Datasheet
1Mb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
P6KE43 SOCAY-P6KE43 Datasheet
504Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
logo
Diotec Semiconductor
P6KE43 DIOTEC-P6KE43 Datasheet
154Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
More results

Similar Description - P6KE43

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
P4KE JGD-P4KE Datasheet
353Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSORS DIODE
logo
Shanghai Leiditech Elec...
1.5SMC6.8A LEIDITECH-1.5SMC6.8A Datasheet
1Mb / 4P
   Transient Voltage Suppressors Diode
1.5SMC300A LEIDITECH-1.5SMC300A Datasheet
694Kb / 4P
   Transient Voltage Suppressors Diode
logo
SeCoS Halbleitertechnol...
SD03 SECOS-SD03_15 Datasheet
332Kb / 3P
   300W Transient Voltage Suppressors Diode
ESD12R SECOS-ESD12R Datasheet
230Kb / 2P
   240W Transient voltage suppressors Diode
ESD05 SECOS-ESD05 Datasheet
248Kb / 2P
   120W Transient Voltage Suppressors Diode
SESD03 SECOS-SESD03 Datasheet
337Kb / 2P
   110W Transient Voltage Suppressors Diode
KS05K5 SECOS-KS05K5 Datasheet
427Kb / 2P
   100W Transient Voltage Suppressors Diode
SESD03 SECOS-SESD03_15 Datasheet
337Kb / 2P
   110W Transient Voltage Suppressors Diode
SD05 SECOS-SD05_15 Datasheet
152Kb / 3P
   300W Transient Voltage Suppressors Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com