Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0350689822 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0350689822
Description  MP-Lock??Quick Disconnect, Female, for 16-20 AWG (1.31-0.52mm짼), Metal StripTab 4.75 by 0.80mm (.187 by .031"), Pre-Tin Plated
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

0350689822 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0350689822 Datasheet HTML 1Page - Molex Electronics Ltd. 0350689822 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - 0350689822

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0350689802 MOLEX4-0350689802 Datasheet
146Kb / 3P
   MP-Lock??Quick Disconnect, Female, for 16-20 AWG (1.31-0.52mm짼), Metal StripTab 4.75 by 0.50mm (.187 by .020"), Pre-Tin Plated, Insertion Force 1.0-2.2kgf(9.8-21.6N)
0350689812 MOLEX4-0350689812 Datasheet
120Kb / 2P
   MP-Lock??Quick Disconnect, Female, for 16-20 AWG (1.31-0.52mm짼), Metal StripTab 4.75 by 0.30mm (.187 by .012"), Pre-Tin Plated
0350689842 MOLEX4-0350689842 Datasheet
144Kb / 2P
   MP-Lock??Quick Disconnect, Female, for 16-20 AWG (1.31-0.52mm짼), Metal Strip,Tab 4.75 by 0.50mm (.187 by .020"), Pre-Tin Plated, Insertion Force 0.8-1.4kgf(7.8-13.7N)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com