Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C-246X Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # C-246X
Description  InsulKrimp??Butt Splice for 10-12 AWG Wire
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

C-246X Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  C-246X Datasheet HTML 1Page - Molex Electronics Ltd. C-246X Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/04/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0191540028
Status:
Active
Description:
InsulKrimp™ Butt Splice for 10-12 AWG Wire
Agency Certification
CSA
LR18689
UL
E32244
General
Product Family
Splices
Series
19154
Crimp Quality Equipment
Yes
Mil-Spec
N/A
MolexKits
Yes
Product Name
Butt, InsulKrimp™
Physical
Barrel Type
Closed
Color - Resin
Natural
Flammability
94V-0
Insulation
PVC
Material - Metal
Copper
Material - Resin
PVC
Packaging Type
Bag
Temperature Range - Operating
-40°C to +105°C
Wire Insulation Diameter
6.35mm (.250") max
Wire Size AWG
10, 12
Wire Size mm²
3.30 - 5.00
Electrical
Voltage - Maximum
600V
Material Info
Old Part Number
C-246X
Reference - Drawing Numbers
Product Specification
PS-19902-007
Sales Drawing
SD-19154-006
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19154Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Hand Crimp Tool
0640010100
Hand Crimp Tool
0640010300
Hand Crimp Tool
0640011500
Crimp Head for the
AT-200™ Pneumatic
Hand Tool
0640050100
Crimp Head for the
AT-200™ Pneumatic
Hand Tool
0640050300
This document was generated on 06/04/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - C-246X

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
C-246XT MOLEX4-C-246XT Datasheet
95Kb / 3P
   BUTT SPLICE INSULKRIMP TAPED (C-246XT)
More results

Similar Description - C-246X

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0191540037 MOLEX4-0191540037 Datasheet
63Kb / 2P
   InsulKrimp??Butt Splice for 10-12 AWG Wire
0191540045 MOLEX4-0191540045 Datasheet
80Kb / 2P
   InsulKrimp??Butt Splice for 6 AWG Wire
0191540049 MOLEX4-0191540049 Datasheet
83Kb / 2P
   InsulKrimp??Butt Splice for 2 AWG Wire
0191540048 MOLEX4-0191540048 Datasheet
81Kb / 2P
   InsulKrimp??Butt Splice for 4 AWG Wire
0191990011 MOLEX4-0191990011 Datasheet
115Kb / 2P
   Butt - Window Splice for 10-12 AWG Wire
0191890015 MOLEX4-0191890015 Datasheet
96Kb / 2P
   Krimptite??Butt Splice for 10-12 AWG Wire
0192020049 MOLEX4-0192020049 Datasheet
107Kb / 4P
   Nylakrimp??Butt Splice for 10-12 AWG Wire
0191890017 MOLEX4-0191890017 Datasheet
96Kb / 2P
   Krimptite??Butt Splice for 10-12 AWG Wire
0192150028 MOLEX4-0192150028 Datasheet
85Kb / 2P
   VersaKrimp??Butt Splice for 10-12 AWG Wire
0191540011 MOLEX4-0191540011 Datasheet
63Kb / 2P
   InsulKrimp??Butt Splice for 18-22 AWG Wire
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com