Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

35328-0263 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 35328-0263
Description  7.92mm (.312") Pitch Header, Vertical, Positive Lock, Shrouded, 2 Circuits, Yellow, PAPolyamide (Nylon) 6/6, Glass-filled
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

35328-0263 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  35328-0263 Datasheet HTML 1Page - Molex Electronics Ltd. 35328-0263 Datasheet HTML 2Page - Molex Electronics Ltd. 35328-0263 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 03/22/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0353280263
Status:
Active
Description:
7.92mm (.312") Pitch Header, Vertical, Positive Lock, Shrouded, 2 Circuits, Yellow, PA
Polyamide (Nylon) 6/6, Glass-filled
Documents:
3D Model
Product Specification PS-35156-005 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
TUV
R72081037
UL
E29179
General
Product Family
PCB Headers
Series
35328
Application
Wire-to-Board
Product Name
N/A
Physical
Breakaway
No
Circuits (Loaded)
2
Circuits (maximum)
2
Color - Resin
Natural
Durability (mating cycles max)
30
First Mate / Last Break
No
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Nylon
Number of Rows
1
Orientation
Vertical
PC Tail Length (in)
0.134 In
PC Tail Length (mm)
3.40 mm
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Bag
Pitch - Mating Interface (in)
0.312 In
Pitch - Mating Interface (mm)
7.92 mm
Polarized to Mating Part
Yes
Polarized to PCB
No
Shrouded
Partial
Stackable
No
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
7A
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
35328Series
Mates With
35156 Wire-to-Board Housing


Similar Part No. - 35328-0263

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
35328-0260 MOLEX4-35328-0260 Datasheet
132Kb / 3P
   7.92mm (.312") Pitch Header, Vertical, Positive Lock, Shrouded, 2 Circuits, White, PAPolyamide (Nylon) 6/6, Glass-filled
35328-0260 MOLEX11-35328-0260 Datasheet
50Kb / 2P
   4.20mm Pitch Mini-Fit Header, Dual Row, Right Angle, 24 Circuits, PA Polyamide (Nylon) 6/6 94V-2, White
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com