Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

190070079 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 190070079
Description  InsulKrimp??Female Fully Insulated Quick Disconnect Flag for 14-16 AWG Wire, Tab4.75mm (.187") x 0.81mm (.032"), 94 V-0 Material
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

190070079 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  190070079 Datasheet HTML 1Page - Molex Electronics Ltd. 190070079 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/06/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0190070079
Status:
Active
Description:
InsulKrimp™ Female Fully Insulated Quick Disconnect Flag for 14-16 AWG Wire, Tab
4.75mm (.187") x 0.81mm (.032"), 94 V-0 Material
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-19902-008 (PDF)
General
Product Family
Quick Disconnects
Series
19007
Crimp Quality Equipment
Yes
Product Name
InsulKrimp™
Type
Quick Disconnect
Physical
Barrel Type
Closed
Color - Resin
Natural
Gender
Female
Glow-Wire Compliant
No
Insulation
Nylon (PA)
Lock to Mating Part
None
Material - Metal
Brass
Material - Resin
Nylon
Orientation
Flag
Packaging Type
Bag
Polarized to Mating Part
No
Tab Thickness
0.81mm (.032")
Tab Width
4.75mm (.187")
Temperature Range - Operating
-65°C to +105°C
Wire Insulation Diameter
5.08mm (.200")
Wire Size AWG
14, 16
Wire Size mm²
1.00 - 2.60
Electrical
Voltage - Maximum
600V
Material Info
Old Part Number
BB-2225V
Reference - Drawing Numbers
Product Specification
PS-19902-008
Sales Drawing
SD-19007-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19007Series
This document was generated on 04/06/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 190070079

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
190070070 MOLEX4-190070070 Datasheet
105Kb / 2P
   InsulKrimp??Female Fully Insulated Quick Disconnect Flag for 18-22 AWG Wire, Tab4.75mm (.187") x 0.81mm (.032"), 94 V-0 Material
190070071 MOLEX4-190070071 Datasheet
107Kb / 2P
   InsulKrimp??Female Fully Insulated Quick Disconnect Flag for 18-22 AWG Wire, Tab4.75mm (.187
190070073 MOLEX4-190070073 Datasheet
109Kb / 2P
   InsulKrimp??Female Fully Insulated Quick Disconnect Flag for 14-16 AWG Wire, Tab6.35mm (.250") x .813mm (.032"), 94 V-0 Material
190070074 MOLEX4-190070074 Datasheet
114Kb / 2P
   InsulKrimp??Female Fully Insulated Quick Disconnect Flag for 14-16 AWG Wire, Tab6.35mm (.250
190070075 MOLEX4-190070075 Datasheet
112Kb / 2P
   InsulKrimp??Female Fully Insulated Quick Disconnect Flag for 14-16 AWG Wire, Tab6.35mm (.250") x .813mm (.032"), 94 V-0 Material, Metal Strip
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com