Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCL-3038 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # BCL-3038
Description  Compression Style Ring Tongue Terminal for 3/0 AWG Wire, Stud Size 3/8
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

BCL-3038 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  BCL-3038 Datasheet HTML 1Page - Molex Electronics Ltd. BCL-3038 Datasheet HTML 2Page - Molex Electronics Ltd. BCL-3038 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image


Similar Part No. - BCL-3038

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
BCL-3038-PL MOLEX4-BCL-3038-PL Datasheet
246Kb / 3P
   Compression Style Ring Tongue
More results

Similar Description - BCL-3038

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0192210379 MOLEX4-0192210379 Datasheet
246Kb / 2P
   Compression Style Ring Tongue Terminal for 2/0 AWG Wire, Stud Size 3/8
0192210241 MOLEX4-0192210241 Datasheet
246Kb / 3P
   Compression Style Ring Tongue Terminal for 1/0 AWG Wire, Stud Size 3/8", Plated
0192210244 MOLEX4-0192210244 Datasheet
246Kb / 3P
   Compression Style Ring Tongue Terminal for 2/0 AWG Wire, Stud Size 3/8", Plated
0192210383 MOLEX4-0192210383 Datasheet
179Kb / 3P
   Compression Style Ring Tongue Terminal for 4 AWG Wire, Stud Size 3/8
0192210246 MOLEX4-0192210246 Datasheet
246Kb / 3P
   Compression Style Ring Tongue Terminal for 3/0 AWG Wire, Stud Size 5/16
0192210248 MOLEX4-0192210248 Datasheet
246Kb / 3P
   Compression Style Ring Tongue Terminal for 3/0 AWG Wire, Stud Size 1/2
0192210232 MOLEX4-0192210232 Datasheet
179Kb / 3P
   Compression Style Ring Tongue Terminal for 4 AWG Wire, Stud Size 3/8", Plated
0192210238 MOLEX4-0192210238 Datasheet
179Kb / 3P
   Compression Style Ring Tongue Terminal for 1 AWG Wire, Stud Size 3/8", Plated
0192210598 MOLEX4-0192210598 Datasheet
38Kb / 1P
   Compression Style Ring Tongue Terminal for 2/0 AWG Wire, Stud Size 5/8
0192210581 MOLEX4-0192210581 Datasheet
177Kb / 2P
   Compression Style Ring Tongue Terminal for 1 AWG Wire, Stud Size 3/8", PlatedWide Pad
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com