Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

194310016 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 194310016
Description  MX150L??Male Terminal for 10-12 AWG Wire, Metal Strip Carrier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

194310016 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  194310016 Datasheet HTML 1Page - Molex Electronics Ltd. 194310016 Datasheet HTML 2Page - Molex Electronics Ltd. 194310016 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 06/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0194310001
Status:
Active
Overview:
mx150l_sealed_connector_system
Description:
MX150L™ Male Terminal for 10-12 AWG Wire, Metal Strip Carrier
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-19432-001 (PDF)
Agency Certification
CSA
LR18689
UL
E152602
General
Product Family
Crimp Terminals
Series
19431
Comments
UL EI52602
Crimp Quality Equipment
Yes
Overview
mx150l_sealed_connector_system
Product Literature Order No
987650-2181
Product Name
MX150L™
Physical
Durability (mating cycles max)
25
Gender
Male
Material - Metal
Copper
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Packaging Type
Reel
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
3.94mm-4.45mm (.155-.175")
Wire Size AWG
10, 12
Wire Size mm²
N/A
Material Info
Reference - Drawing Numbers
Product Specification
PS-19432-001
Sales Drawing
SD-19431-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19431Series
Mates With
19434 Female Terminal
Use With
19433 Male Plug
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Hand Crimp Tool
0638115300
Mini-Mac™
Applicator for
MX150L™ Crimp
Terminals
0638950400


Similar Part No. - 194310016

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
194310015 MOLEX4-194310015 Datasheet
118Kb / 3P
   MX150L??Male Terminal for 8 AWG Wire, Metal Strip Carrier
More results

Similar Description - 194310016

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0194310001 MOLEX1-0194310001_18 Datasheet
34Kb / 1P
   MX150L Male Terminal for 10-12 AWG Wire, Metal Strip Carrier
0194340001 MOLEX4-0194340001 Datasheet
121Kb / 3P
   MX150L??Female Terminal for 10-12 AWG Wire, Metal Strip Carrier
0194340001 MOLEX1-0194340001_18 Datasheet
35Kb / 1P
   MX150L Female Terminal for 10-12 AWG Wire, Metal Strip Carrier
0194310015 MOLEX4-0194310015 Datasheet
118Kb / 3P
   MX150L??Male Terminal for 8 AWG Wire, Metal Strip Carrier
0194310015 MOLEX1-0194310015_18 Datasheet
34Kb / 1P
   MX150L Male Terminal for 8 AWG Wire, Metal Strip Carrier
0194340002 MOLEX1-0194340002_18 Datasheet
34Kb / 1P
   MX150L Female Terminal for 8 AWG Wire, Metal Strip Carrier
0194170011 MOLEX1-0194170011_18 Datasheet
36Kb / 1P
   MX150L Male Terminal for 14-16 AWG Wire, Metal Strip Carrier, Length 25.40mm
0194170027 MOLEX1-0194170027_18 Datasheet
36Kb / 1P
   MX150L Male Terminal for 14-16 AWG Wire, Metal Strip Carrier, Length 26.16mm
0194170029 MOLEX1-0194170029_18 Datasheet
29Kb / 1P
   MX150L Male Terminal for 14-16 AWG Wire, Length 26.16mm , Metal Strip Carrier
0194170025 MOLEX1-0194170025_18 Datasheet
36Kb / 1P
   MX150L Male Terminal for 14-16 AWG Wire, Metal Strip Carrier, Length 25.40mm
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com