Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

353280460 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 353280460
Description  7.92mm (.312") Pitch Header, Vertical, Positive Lock, Shrouded, 4 Circuits, White, PAPolyamide (Nylon) 6/6, Glass-filled
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

353280460 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  353280460 Datasheet HTML 1Page - Molex Electronics Ltd. 353280460 Datasheet HTML 2Page - Molex Electronics Ltd. 353280460 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
7A
Voltage - Maximum
250V
Material Info
Reference - Drawing Numbers
Product Specification
PS-35156-005
Sales Drawing
SD-35328-001
This document was generated on 04/15/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 353280460

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
353280260 MOLEX4-353280260 Datasheet
132Kb / 3P
   7.92mm (.312") Pitch Header, Vertical, Positive Lock, Shrouded, 2 Circuits, White, PAPolyamide (Nylon) 6/6, Glass-filled
353280263 MOLEX4-353280263 Datasheet
128Kb / 3P
   7.92mm (.312") Pitch Header, Vertical, Positive Lock, Shrouded, 2 Circuits, Yellow, PAPolyamide (Nylon) 6/6, Glass-filled
353280360 MOLEX4-353280360 Datasheet
128Kb / 3P
   7.92mm (.312") Pitch Header, Vertical, Positive Lock, Shrouded, 3 Circuits, White, PAPolyamide (Nylon) 6/6, Glass-filled
353280560 MOLEX4-353280560 Datasheet
128Kb / 3P
   7.92mm (.312") Pitch Header, Vertical, Positive Lock, Shrouded, 5 Circuits, White, PAPolyamide (Nylon) 6/6, Glass-filled
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com