Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AA-2220Z Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # AA-2220Z
Description  Flag InsulKrimp??Quick Disconnect, Female, for 18-22 (0.80-0.35) Wire, Metal StripTab 6.35mm (.250") x 0.81mm
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

AA-2220Z Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  AA-2220Z Datasheet HTML 1Page - Molex Electronics Ltd. AA-2220Z Datasheet HTML 2Page - Molex Electronics Ltd. AA-2220Z Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image


Similar Part No. - AA-2220Z

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
AA-2220Z MOLEX4-AA-2220Z Datasheet
114Kb / 2P
   Flag InsulKrimp??Quick Disconnect, Female, for 18-22 (0.80-0.35) Wire, Box, Tab6.35mm (.250") x 0.81mm (.032")
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com