Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

190070028 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 190070028
Description  Flag InsulKrimp??Quick Disconnect, Female, for 14-16 (2.00-1.30) Wire, Metal Strip,Tab 6.35mm (.250
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

190070028 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  190070028 Datasheet HTML 1Page - Molex Electronics Ltd. 190070028 Datasheet HTML 2Page - Molex Electronics Ltd. 190070028 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
This document was generated on 04/12/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 190070028

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
190070028 MOLEX4-190070028 Datasheet
114Kb / 2P
   Flag InsulKrimp??Quick Disconnect, Female, for 18-22 (0.80-0.35) Wire, Box, Tab6.35mm (.250") x 0.81mm (.032")
More results

Similar Description - 190070028

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0190170037 MOLEX4-0190170037 Datasheet
129Kb / 2P
   InsulKrimp??Quick Disconnect, Female, for 14-16 (2.00-1.30) Wire, Box, Tab 6.35mm(.250") x 0.81mm (.032")
0190070026 MOLEX4-0190070026 Datasheet
113Kb / 2P
   Flag InsulKrimp??Quick Disconnect, Female, for 14-16 (2.00-1.30) Wire, Mylar TapeTab 6.35mm (.250") x 0.81mm (.03
0190030047 MOLEX4-0190030047 Datasheet
177Kb / 3P
   InsulKrimp??Quick Disconnect, Female, for 14-16 (2.00-1.30), Box, Tab 6.35mm(.250") x 0.81mm (.032")
0190030048 MOLEX4-0190030048 Datasheet
176Kb / 3P
   InsulKrimp??Quick Disconnect, Female, for 14-16 (2.00-1.30), Continuous MoldedStrip, Tab 6.35mm (.250") x 0.81mm
0190060014 MOLEX4-0190060014 Datasheet
96Kb / 3P
   Flag Avikrimp??Quick Disconnect, Female, for 14-16 (2.00-1.30) Wire, Metal Strip, Tab6.35mm (.250") x 0.81mm (.032
0190080031 MOLEX4-0190080031 Datasheet
109Kb / 2P
   Flag Krimptite??Quick Disconnect, Female, for 14-16 (2.00-1.30) Wire, Metal StripTab 6.35mm (.250") x 0.81mm (.03
0190070021 MOLEX4-0190070021 Datasheet
114Kb / 2P
   Flag InsulKrimp??Quick Disconnect, Female, for 14-16 (2.00-1.30) Wire, Box, Tab6.35mm (.250") x 0.81mm (.032")
0190230012 MOLEX4-0190230012 Datasheet
126Kb / 2P
   InsulKrimp??Quick Disconnect, Male, for 14-16 (2.00-1.30) Wire, Box, Tab 6.35mm(.250") x 0.81mm (.032")
0190070033 MOLEX4-0190070033 Datasheet
88Kb / 3P
   Flag InsulKrimp??Quick Disconnect, Female, for 14-16 (2.00-1.30) Wire, Metal StripTab 4.75mm (.187") x 0.51mm (.0
0190070034 MOLEX4-0190070034 Datasheet
88Kb / 3P
   Flag InsulKrimp??Quick Disconnect, Female, for 14-16 (2.00-1.30) Wire, Metal StripTab 4.75mm (.187") x 0.51mm (.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com