Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0190690219 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0190690219
Description  Krimptite??Ring Tongue Terminal for 10-12 AWG Wire, Stud Size 1/4
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

0190690219 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0190690219 Datasheet HTML 1Page - Molex Electronics Ltd. 0190690219 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - 0190690219

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0190690212 MOLEX4-0190690212 Datasheet
67Kb / 2P
   Krimptite??Ring Tongue Terminal for 10-12 AWG Wire
0190690217 MOLEX4-0190690217 Datasheet
67Kb / 2P
   Krimptite??Ring Tongue Terminal
0190690218 MOLEX4-0190690218 Datasheet
67Kb / 2P
   Krimptite??Ring Tongue Terminal for 10-12 AWG Wire, Stud Size 10, Length 24.18mm(.952"), Mylar Tape Carrier
More results

Similar Description - 0190690219

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0190410016 MOLEX4-0190410016 Datasheet
90Kb / 2P
   Krimptite??Ring Tongue Terminal Flag for 10-12 AWG Wire, Stud Size 1/4"||" "368868
Krimptite??Ring Tongue Terminal for 14-16 AWG Wire
0190690238 MOLEX4-0190690238 Datasheet
67Kb / 2P
   Krimptite??Ring Tongue Terminal for 10-12 AWG Wire, Stud Size 1/4", Length26.82mm (1.056")
0190690192 MOLEX4-0190690192 Datasheet
67Kb / 2P
   Krimptite??Ring Tongue Terminal for 10-12 AWG Wire, Stud Size 1/2 32.51mm (1.280")
0190690200 MOLEX4-0190690200 Datasheet
67Kb / 2P
   Krimptite??Ring Tongue Terminal for 10-12 AWG Wire, Stud Size 4, Length 19.94mm(.785")
0190730148 MOLEX4-0190730148 Datasheet
100Kb / 2P
   Avikrimp??Ring Tongue Terminal for 10 to 12 AWG Wire, Stud Size 1/4", LengthAvikrimp??Ring Tongue Terminal for 10 to 12 AWG Wire, Stud Size 1/4", Length
0190690225 MOLEX4-0190690225 Datasheet
67Kb / 2P
   Krimptite??Ring Tongue Terminal for 10-12 AWG Wire
0190690230 MOLEX4-0190690230 Datasheet
67Kb / 2P
   Krimptite??Ring Tongue Terminal for 10-12 AWG Wire
0190690236 MOLEX4-0190690236 Datasheet
67Kb / 2P
   Krimptite??Ring Tongue Terminal for 10-12 AWG Wire
0190690146 MOLEX4-0190690146 Datasheet
67Kb / 2P
   Krimptite??Ring Tongue Terminal for 10-12 AWG Wire
0190690240 MOLEX4-0190690240 Datasheet
68Kb / 3P
   Krimptite??Ring Tongue Terminal for 10-12 AWG Wire
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com