Part Name
         Description
35362-1650

 2.00mm (.079") Pitch Sherlock™ Wire-to-Board Header, Vertical, with Positive Lock, 16Circuits, with Kinked PC Tails, Natural ( 4 Page)


MOLEX4
100% 
Zoom Out Zoom In
   
 1 page
background image
This document was generated on 05/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
Status:
Active
Overview:
Description:
2.00mm (.079") Pitch Sherlock™ Wire-to-Board Header, Vertical, with Positive Lock, 16
Circuits, with Kinked PC Tails, Natural
Documents:
Agency Certification
CSA
LR19980
General
Product Family
PCB Headers
Series
Application
Wire-to-Board
Overview
Product Name
Sherlock™
Physical
Breakaway
No
Circuits (Loaded)
16
Circuits (maximum)
16
Color - Resin
Natural
Durability (mating cycles max)
30
First Mate / Last Break
No
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Mated Height (in)
0.335 In
Mated Height (mm)
8.50 mm
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Nylon
Number of Rows
1
Orientation
Vertical
PC Tail Length (in)
0.130 In
PC Tail Length (mm)
3.30 mm
PCB Locator
No
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Bag
Pitch - Mating Interface (in)
0.079 In
Pitch - Mating Interface (mm)
2.00 mm
Pitch - Term. Interface (in)
0.079 In
Pitch - Term. Interface (mm)
2.00 mm
Polarized to Mating Part
Yes
Polarized to PCB
No
Shrouded
Partial
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +105°C
Series
image - Reference only
ELV and RoHS
Compliant
Not Reviewed
Halogen-Free
Need more information on product
environmental compliance?
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
35362Series
Mates With
35507 Sherlock™ Wire-to-Board Housing
Use With
502128000 Terminal



Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl