Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

192130008 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 192130008
Description  Avikrimp??Wire Pin Terminal for 12-10 AWG Wire, Mylar Tape Carrier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

192130008 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  192130008 Datasheet HTML 1Page - Molex Electronics Ltd. 192130008 Datasheet HTML 2Page - Molex Electronics Ltd. 192130008 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 192130008

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
192130007 MOLEX4-192130007 Datasheet
113Kb / 2P
   Avikrimp??Wire Pin Terminal for 12-10 AWG Wire
192130009 MOLEX4-192130009 Datasheet
114Kb / 2P
   Avikrimp??Wire Pin Terminal for 22-18 AWG Wire
More results

Similar Description - 192130008

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0192110002 MOLEX4-0192110002 Datasheet
104Kb / 2P
   Krimptite??Wire Pin Terminal for 12-10 AWG Wire, Mylar Tape Carrier
0192130012 MOLEX4-0192130012 Datasheet
113Kb / 3P
   Avikrimp??Wire Pin Terminal for 16-14 AWG Wire, Mylar Tape Carrier
0192130010 MOLEX4-0192130010 Datasheet
113Kb / 3P
   Avikrimp??Wire Pin Terminal for 22-18 AWG Wire, Mylar Tape Carrier
0192130007 MOLEX4-0192130007 Datasheet
113Kb / 2P
   Avikrimp??Wire Pin Terminal for 12-10 AWG Wire
0192120006 MOLEX4-0192120006 Datasheet
101Kb / 2P
   InsulKrimp??Wire Pin Terminal for 16-14 AWG Wire, Mylar Tape Carrier
0192110006 MOLEX4-0192110006 Datasheet
104Kb / 2P
   Krimptite??Wire Pin Terminal for 16-14 AWG Wire, Mylar Tape Carrier
0192110004 MOLEX4-0192110004 Datasheet
104Kb / 2P
   Krimptite??Wire Pin Terminal for 22-18 AWG Wire, Mylar Tape Carrier
0192120004 MOLEX4-0192120004 Datasheet
101Kb / 2P
   InsulKrimp??Wire Pin Terminal for 22-18 AWG Wire, Mylar Tape Carrier
0190730172 MOLEX4-0190730172 Datasheet
100Kb / 3P
   Avikrimp??Ring Tongue Terminal for 10 to 12 AWG Wire, Stud Size 10, Length27.71mm (1.091"), Mylar Tape Carrier
0190730224 MOLEX4-0190730224 Datasheet
106Kb / 3P
   Avikrimp??Ring Tongue Terminal for 10 to 12 AWG Wire, Stud Size 8, Length26.59mm (1.047"), Mylar Tape Carrier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com