Electronic Components Datasheet Search |
|
19428-0007 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
19428-0007 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 3 page This document was generated on 04/05/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0194280007 Status: Active Description: 5.84mm (.230") Pitch MX150L™ Vertical PCB Header, Single Row, Standard Profile, 2 Circuits Documents: 3D Model Product Specification PS-19427-001 (PDF) Drawing (PDF) RoHS Certificate of Compliance (PDF) Agency Certification UL E152602 General Product Family PCB Headers Series 19428 Application Wire-to-Board Comments Standard Profile Product Literature Order No 987650-2181 Product Name MX150L™ Physical Breakaway No Circuits (Loaded) 2 Circuits (maximum) 2 Durability (mating cycles max) 25 Flammability 94V-0 Glow-Wire Compliant No Lock to Mating Part Yes Material - Plating Mating Tin Material - Plating Termination Tin Number of Rows 1 Orientation Vertical PC Tail Length (in) 0.130 In PC Tail Length (mm) 3.30 mm PCB Locator Yes PCB Retention None PCB Thickness Recommended (in) 0.062 In PCB Thickness Recommended (mm) 1.60 mm Packaging Type Tray Pitch - Mating Interface (in) 0.230 In Pitch - Mating Interface (mm) 5.84 mm Polarized to Mating Part Yes Polarized to PCB Yes Shrouded Fully Stackable No Surface Mount Compatible (SMC) No Temperature Range - Operating -40°C to +125°C Termination Interface: Style Through Hole Electrical Current - Maximum per Contact 18A Voltage - Maximum 600V Material Info Reference - Drawing Numbers Product Specification PS-19427-001 Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 19428Series Mates With 19418 Receptacle Assemblies |
Similar Part No. - 19428-0007 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |