Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

190730038 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 190730038
Description  Avikrimp??Ring Tongue Terminal for 18 to 22 AWG Wire, Stud Size 5, Length19.80mm (.779")
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

190730038 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  190730038 Datasheet HTML 1Page - Molex Electronics Ltd. 190730038 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - 190730038

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
190730032 MOLEX4-190730032 Datasheet
125Kb / 2P
   Avikrimp??Ring Tongue Terminal for 18 to 22 AWG Wire, Stud Size 3/8", Length32.00mm (1.259")
190730033 MOLEX4-190730033 Datasheet
131Kb / 3P
   Avikrimp??Ring Tongue Terminal for 18 to 22 AWG Wire, Stud Size 3/8", Length32.00mm (1.259"), Mylar Tape Carrier
190730036 MOLEX4-190730036 Datasheet
146Kb / 2P
   Avikrimp??Ring Tongue Terminal for 18 to 22 AWG Wire, Stud Size 4, Length19.80mm (.779")
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com