Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D-353-34 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # D-353-34
Description  VersaKrimp??Ring Tongue Terminal for 8 AWG Wire
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

D-353-34 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  D-353-34 Datasheet HTML 1Page - Molex Electronics Ltd. D-353-34 Datasheet HTML 2Page - Molex Electronics Ltd. D-353-34 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 03/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0191930192
Status:
Active
Description:
VersaKrimp™ Ring Tongue Terminal for 8 AWG Wire
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR18689
UL
E32244
General
Product Family
Ring and Spade Terminals
Series
19193
Crimp Quality Equipment
Yes
Mil-Spec
N/A
Product Name
VersaKrimp™
Type
Ring
Physical
Barrel Type
Closed - Brazed
Insulation
None
Material - Plating Mating
Tin
Packaging Type
Bag
Plating min: Mating (µin)
160
Plating min: Mating (µm)
4
Plating min: Termination (µin)
160
Plating min: Termination (µm)
4
Stud Size
3/4" (M18)
Wire Size AWG
8
Wire Size mm²
0.60 - 10.5
Material Info
Old Part Number
D-353-34
Reference - Drawing Numbers
Sales Drawing
SD-19193-037
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19193Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Manual Putt Pump
Hydraulic System,
Die set required
0192860117
Die Set (large) for
the HHLS Hydralic
Crimper
0192900001
Hand Crimp Tool
0640013900
Crimp Head for the
AT-200™ Pneumatic
Hand Tool
0640074400
Manual tool for
Crimping non-
0192940008


Similar Part No. - D-353-34

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
D-353-58 MOLEX4-D-353-58 Datasheet
98Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 8 AWG Wire
More results

Similar Description - D-353-34

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0191930171 MOLEX4-0191930171 Datasheet
87Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 8 AWG Wire
0191930159 MOLEX4-0191930159 Datasheet
86Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 8 AWG Wire
0191930186 MOLEX4-0191930186 Datasheet
94Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 8 AWG Wire
0191930195 MOLEX4-0191930195 Datasheet
98Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 8 AWG Wire
0191930184 MOLEX4-0191930184 Datasheet
94Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 8 AWG Wire
0191930198 MOLEX4-0191930198 Datasheet
90Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 8 AWG Wire
0191930200 MOLEX4-0191930200 Datasheet
90Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 8 AWG Wire
0191930204 MOLEX4-0191930204 Datasheet
90Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 8 AWG Wire
0191930163 MOLEX4-0191930163 Datasheet
86Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 8 AWG Wire
0191930187 MOLEX4-0191930187 Datasheet
95Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 8 AWG Wire
0191930202 MOLEX4-0191930202 Datasheet
90Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 8 AWG Wire
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com